Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7447669118 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 7447669118
Descripción Electrónicos  WE-GFH High Frequency SMD Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447669118 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447669118 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447669118 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447669118 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447669118 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447669118 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4.0
3.0
2015-04-13
2004-10-11
SSt
MST
JRS
-
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-GFH High Frequency SMD Inductor
Order.- No.
7447669118
SIZE
A4
Size: 4532
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-120 seconds
3°C/ second max.
217°C
60-150 seconds
245°C
20-30 seconds
6°C/ second max.
8 minutes max.
refer to IPC/JEDEC J-STD-020D
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 7447669118

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7447669112 WURTH-7447669112 Datasheet
879Kb / 5P
   WE-GFH High Frequency SMD Inductor
7447669115 WURTH-7447669115 Datasheet
879Kb / 5P
   WE-GFH High Frequency SMD Inductor
More results

Descripción similar - 7447669118

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7447629150 WURTH-7447629150 Datasheet
414Kb / 5P
   WE-GFH High Frequency SMD Inductor
7447669012 WURTH-7447669012 Datasheet
862Kb / 5P
   WE-GFH High Frequency SMD Inductor
7447669182 WURTH-7447669182 Datasheet
899Kb / 5P
   WE-GFH High Frequency SMD Inductor
744764920 WURTH-744764920 Datasheet
896Kb / 5P
   WE-GFH High Frequency SMD Inductor
7447669147 WURTH-7447669147 Datasheet
879Kb / 5P
   WE-GFH High Frequency SMD Inductor
744764901 WURTH-744764901 Datasheet
878Kb / 5P
   WE-GFH High Frequency SMD Inductor
744766904 WURTH-744766904 Datasheet
861Kb / 5P
   WE-GFH High Frequency SMD Inductor
7447669218 WURTH-7447669218 Datasheet
896Kb / 5P
   WE-GFH High Frequency SMD Inductor
7447629330 WURTH-7447629330 Datasheet
413Kb / 5P
   WE-GFH High Frequency SMD Inductor
744766906 WURTH-744766906 Datasheet
876Kb / 5P
   WE-GFH High Frequency SMD Inductor
7447669156 WURTH-7447669156 Datasheet
902Kb / 5P
   WE-GFH High Frequency SMD Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com