Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SJPL-L4VR Datasheet(PDF) 3 Page - Sanken electric

No. de pieza SJPL-L4VR
Descripción Electrónicos  SJPL-L4 realizes low leakage current at high temperature. High efficiency is achieved by reducing the loss of circuit at high temperature.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SJPL-L4VR Datasheet(HTML) 3 Page - Sanken electric

  SJPL-L4VR Datasheet HTML 1Page - Sanken electric SJPL-L4VR Datasheet HTML 2Page - Sanken electric SJPL-L4VR Datasheet HTML 3Page - Sanken electric SJPL-L4VR Datasheet HTML 4Page - Sanken electric SJPL-L4VR Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.sanken-ele.co.jp
SJPL-L4
May. 2016
Fast Recovery Diode
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 3
SANKEN ELECTRIC
Characteristics
Forward Power Dissipation
Average Forward Current IF(AV) (A)
0
1
2
3
4
5
0
1
2
3
Tj=150℃
t
T
t/T=1/6
t/T=1/3,sinewave
t/T=1/2
DC
Current Derating
VR=0V
Lead temperature TL (°C)
0
1
2
3
0
50
100
150
Tj=150℃
t
T
t/T=1/6
t/T=1/2
DC
t/T=1/3,sinewave


Número de pieza similar - SJPL-L4VR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SJPL-L4 SANKEN-SJPL-L4 Datasheet
148Kb / 4P
   Silicon Diode
More results

Descripción similar - SJPL-L4VR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SJPX-H3VR SANKEN-SJPX-H3VR Datasheet
244Kb / 5P
   SJPX-H3 has the characteristics of low VF and superior trr at high temperature. High efficiency is achieved by reducing the loss of circuit at high temperature.
SJPX-F2VR SANKEN-SJPX-F2VR Datasheet
242Kb / 5P
   SJPX-F2 has the characteristics of low VF and superior trr at high temperature. High efficiency is achieved by reducing the loss of circuit at high temperature.
SJPX-H6VR SANKEN-SJPX-H6VR Datasheet
232Kb / 5P
   SJPX-H6 has the characteristics of low VF and superior trr at high temperature. High efficiency is achieved by reducing the loss of circuit at high temperature.
logo
Jianghai Europe GmbH
CD11GGW JIANGHAI-CD11GGW Datasheet
1Mb / 4P
   High Pipple Current at High Temperature
logo
International Rectifier
203CMQ IRF-203CMQ Datasheet
147Kb / 5P
   The 203CMQ high current Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
logo
Sanken electric
SJPB-L4VL SANKEN-SJPB-L4VL Datasheet
236Kb / 5P
   SJPB-L4 is a Schottky Barrier Diode, and has achieved low leakage current and low VF by selecting the best barrier metal.
logo
ice Components, Ins.
IN08034 ICE-IN08034 Datasheet
37Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN08052 ICE-IN08052 Datasheet
37Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN08106 ICE-IN08106 Datasheet
37Kb / 2P
   Isat is the current at which the inductance drops by 20%.
IN08128 ICE-IN08128 Datasheet
57Kb / 2P
   Isat is the current at which the inductance drops by 20%.
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com