Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10EP451FA Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MC10EP451FA
Descripción Electrónicos  3.3V / 5VECL 6-Bit Differential Register with Master Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP451FA Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC10EP451FA Datasheet HTML 2Page - ON Semiconductor MC10EP451FA Datasheet HTML 3Page - ON Semiconductor MC10EP451FA Datasheet HTML 4Page - ON Semiconductor MC10EP451FA Datasheet HTML 5Page - ON Semiconductor MC10EP451FA Datasheet HTML 6Page - ON Semiconductor MC10EP451FA Datasheet HTML 7Page - ON Semiconductor MC10EP451FA Datasheet HTML 8Page - ON Semiconductor MC10EP451FA Datasheet HTML 9Page - ON Semiconductor MC10EP451FA Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC10EP451, MC100EP451
http://onsemi.com
6
Table 9. 100EP DC CHARACTERISTICS, NECL VCC = 0 V, VEE = −5.5 V to −3.0 V (Note 17)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
85
105
135
85
105
135
85
105
135
mA
VOH
Output HIGH Voltage (Note 18)
−1145
−1020
−895
−1145
−1020
−895
−1145
−1020
−895
mV
VOL
Output LOW Voltage (Note 18)
−1945
−1820
−1695
−1945
−1820
−1695
−1945
−1820
−1695
mV
VIH
Input HIGH Voltage (Single−Ended)
−1225
−880
−1225
−880
−1225
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1945
−1625
−1945
−1625
−1945
−1625
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 19)
VEE+2.0
0.0
VEE+2.0
0.0
VEE+2.0
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
17. Input and output parameters vary 1:1 with VCC.
18. All loading with 50
W to VCC − 2.0 V.
19. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 10. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 20)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOUTpp
Output Voltage Amplitude @ 3 GHz
(Figure 3) (Note 21)
540
670
520
650
450
580
GHz
tPLH,
tPHL
Propagation Delay to
CLK to Q, Q
Output Differential
MR to Q, Q
330
430
430
530
530
630
350
450
450
550
550
650
390
490
490
590
590
690
ps
tRR
Reset Recovery
MR to CLK
240
145
250
150
260
160
ps
tS
tH
Setup Time
D to CLK
Hold Time
CLK to D
80
80
40
40
80
80
40
40
80
80
40
40
ps
tPW
Minimum Pulse Rate
MR
400
400
400
ps
tSKEW
Within−Device Skew (Note 22)
Device−To−Device Skew (Note 23)
20
35
40
100
20
35
40
100
20
35
40
100
tJITTER
CLOCK Random Jitter (RMS)
@
v3.0 GHz (Figure 3)
0.2
1
0.2
1
0.2
1
ps
tr
tf
Output Rise/Fall Times
Q, Q
(20% − 80%)
100
100
150
150
250
250
110
110
160
160
260
260
130
130
180
180
280
280
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
20. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
W to VCC − 2.0 V.
21. VOL and VOH specifications not guaranteed for Fmax testing.
22. Skew is measured between outputs under identical transitions and conditions on any one device.
23. Device−To−Device skew for identical transitions at identical VCC levels.


Número de pieza similar - MC10EP451FA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10EP451FA ONSEMI-MC10EP451FA Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451FAG ONSEMI-MC10EP451FAG Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451FAG ONSEMI-MC10EP451FAG Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10EP451FAR2 ONSEMI-MC10EP451FAR2 Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451FAR2G ONSEMI-MC10EP451FAR2G Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
More results

Descripción similar - MC10EP451FA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SY10EP451L MICREL-SY10EP451L Datasheet
398Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
SY10EP451L_0705 MICREL-SY10EP451L_0705 Datasheet
443Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
logo
ON Semiconductor
MC10EP451 ONSEMI-MC10EP451_06 Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10EP56 ONSEMI-MC10EP56 Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
logo
List of Unclassifed Man...
QS74FCT2X2273T ETC1-QS74FCT2X2273T Datasheet
322Kb / 7P
   16-BIT REGISTER WITH ASYNCHRONOUS RESET
logo
ON Semiconductor
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC100EP33 ONSEMI-MC100EP33 Datasheet
79Kb / 12P
   3.3V 5VECL / 4 Divider
September, 2002 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com