Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPIUU60-400-2 Datasheet(PDF) 2 Page - Total Power International

No. de pieza TPIUU60-400-2
Descripción Electrónicos  Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPIUU60-400-2 Datasheet(HTML) 2 Page - Total Power International

  TPIUU60-400-2 Datasheet HTML 1Page - Total Power International TPIUU60-400-2 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
OutputVoltageAndCurrentRatingChart(MultiOutput):
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
3~5VDC
5~6VDC
6~8VDC
8~11VDC
11~13VDC
11~13VDC
13~16VDC
16~21VDC
21~27VDC
27~33VDC
33~40VDC
40~48VDC
16.66~10.0 A
11.00~9.16 A
10.00~7.50 A
7.87~5.72 A
5.72~4.84 A
4.09~3.46 A
4.84~3.93 A
3.93~3.00 A
3.00~2.33 A
2.33~1.90 A
1.90~1.57 A
1.57~1.31 A
5%
5%
5%
3%
3%
3%
3%
3%
2%
2%
2%
2%
50W
55W
60W
63W
63W
45W
63W
63W
63W
63W
63W
63W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
Pno
max.
(
)
Model
Number
Output#1
Vonom Iomin Iomax
Output#2
Output#3
Output#4
Max.Output
Powe
r
59.1W
63W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
63W
63W
48.1W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
59.8W
59.8W
53.5W
53.5W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
Vonom Iomin Iomax Regmax
Vonom Iomin Iomax Regmax
63W
Regmax
Regmax
Vonom Iomin Iomax
MechanicalSpecifications:
Note:
1.Dimensionsareshownin
mm.
2.Weight:425gsapprox.
inchesor
3.Inputconnectormateswithscrewterminal
(DINKLE#ESK750V-03P)(10-24AWG).
4.Outputconnectormateswithscrewterminal
(DINKLE#ESK750V-05P)(10-24AWG).
DeratingCrve:
u
0%
-20
0
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
1.OperatingTemperature:-20to70°C
2.Deratelinearlyfrom100%loadat50°C
to50%loadat70°C
TPIUU60-101
TPIUU60-102
TPIUU60-103
TPIUU60-104
TPIUU60-105
TPIUU60-105-1
TPIUU60-106
TPIUU60-107
TPIUU60-108
TPIUU60-109
TPIUU60-110
TPIUU60-111
TPIUU60-200
TPIUU60-201
TPIUU60-202
+3.3V
+5V
+5V
+12V
+12V
+15V
1.4A
0.7A
0.7A
0.6A
0.3A
0.3A
7A
7A
7A
3A
3A
3A
6%
5%
5%
5%
5%
5%
TPIUU60-203
+5V
+24V
0.7A
0.4A
7A
2A
5%
5%
TPIUU60-204
+3.3V
+5V
1.4A
0.5A
7A
5A
6%
5%
TPIUU60-215
+5V
-24V
1.4A
0.2A
7A
2A
5%
5%
-12V
0A
0.8A
0.8A
5%
TPIUU60-300
+3.3V
+12V
1.2A
0.6A
6A
3A
6%
5%
+12V
0A
5%
TPIUU60-300-1
+3.3V
+12V
1.2A
0.6A
6A
3A
6%
5%
0.8A
-5V
0A
5%
TPIUU60-301
+5V
+5V
+5V
+5V
+5V
+5V
+12V
0.6A
0.3A
6A
3A
5%
5%
0.8A
+5V
0A
5%
TPIUU60-301-1
+12V
0.6A
0.3A
6A
3A
5%
5%
0.8A
-12V
0A
5%
TPIUU60-302
+12V
0.6A
0.6A
6A
3A
5%
5%
0.8A
+12V
0A
5%
TPIUU60-302-1
+12V
0.6A
0.6A
6A
3A
5%
5%
0.8A
-15V
0A
5%
TPIUU60-303
+15V
0.6A
0.3A
6A
3A
5%
5%
0.8A
+15V
0A
5%
TPIUU60-303-1
+15V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
-12V
0A
5%
TPIUU60-305
+24V
1.2A
0.4A
6A
2A
5%
5%
+5V
0.8A
+12V
0A
5%
TPIUU60-305-1
+24V
1.2A
0.4A
6A
2A
5%
5%
+3.3V
+3.3V
0.8A
-5V
0A
5%
TPIUU60-306
+12V
1.2A
0.6A
6A
3A
6%
5%
0.8A
+5V
0A
5%
TPIUU60-306-1
+12V
1.2A
0.6A
6A
3A
6%
5%
+3.3V
+3.3V
+3.3V
1A
-12V
0A
5%
TPIUU60-308
+5V
0.5A
0.5A
5A
5A
6%
5%
1A
+12V
0A
5%
TPIUU60-308-1
+5V
0.5A
0.5A
5A
5A
6%
5%
0.8A
0.8A
-12V
-5V
0A
0A
5%
5%
TPIUU60-400
+12V
1.2A
0.6A
6A
3A
6%
5%
+3.3V
0.8A
0.8A
-12V
+5V
0A
0A
5%
5%
TPIUU60-400-1
+12V
1.2A
0.6A
6A
3A
6%
5%
+3.3V
0.8A
0.8A
+12V
-5V
0A
0A
5%
5%
TPIUU60-400-2
+12V
1.2A
0.6A
6A
3A
6%
5%
+3.3V
0.8A
0.8A
+12V
+5V
0A
0A
5%
5%
TPIUU60-400-3
+12V
1.2A
0.6A
6A
3A
6%
5%
+5V
0.8A
0.8A
-12V
-5V
0A
0A
5%
5%
TPIUU60-401
+12V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
-12V
+5V
0A
0A
5%
5%
TPIUU60-401-1
+12V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
+12V
-5V
0A
0A
5%
5%
TPIUU60-401-2
+12V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
+12V
+5V
0A
0A
5%
5%
TPIUU60-401-3
+12V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
-12V
-12V
0A
0A
5%
5%
TPIUU60-402
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
-12V
+12V
0A
0A
5%
5%
TPIUU60-402-1
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
+12V
-12V
0A
0A
5%
5%
TPIUU60-402-2
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
+12V
+12V
0A
0A
5%
5%
TPIUU60-402-3
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
-12V
-24V
0A
0A
5%
5%
TPIUU60-403
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
-12V
+24V
0A
0A
5%
5%
TPIUU60-403-1
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
+12V
-24V
0A
0A
5%
5%
TPIUU60-403-2
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
+12V
+24V
0A
0A
5%
5%
TPIUU60-403-3
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
-15V
-5V
0A
0A
5%
5%
TPIUU60-404
+15V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
-15V
+5V
0A
0A
5%
5%
TPIUU60-404-1
+15V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
+15V
-5V
0A
0A
5%
5%
TPIUU60-404-2
+15V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
+15V
+5V
0A
0A
5%
5%
TPIUU60-404-3
+15V
0.6A
0.3A
6A
3A
5%
5%
TPIUU60-4XX
TPIUU60-3XX
TPIUU60-2XX
TPIUU60-1XX
PIN
MODEL
OUT
Vo2
Vo2
Vo3
Vo3
Vo4
Vo3
Vo2
Vo1
Vo1
Vo1
Vo1
OUT
RTN
RTN
N/C
N/C
N/C
N/C
COM
COM
COM
COM
N/C
RTN
RTN
RTN
RTN
RTN
RTN
TPIUU60-215
Note:Vo1:Output#1Vo2:Output#2Vo3:Output#3
Vo4:Output#4
PINCHART
PFD (Optional)
1
2
3
4
5
OUT
OUT
OUT
OUT
OUT
Otherconnector
1
2
TPIUU60 SERIES
63WUBracketType
IndustrialPowerSupplies
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Número de pieza similar - TPIUU60-400-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPIUU61-101 TOTAL-POWER-TPIUU61-101 Datasheet
296Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU61-102 TOTAL-POWER-TPIUU61-102 Datasheet
296Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU61-103 TOTAL-POWER-TPIUU61-103 Datasheet
296Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU61-104 TOTAL-POWER-TPIUU61-104 Datasheet
296Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU61-105 TOTAL-POWER-TPIUU61-105 Datasheet
296Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
More results

Descripción similar - TPIUU60-400-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPIBU-61 TOTAL-POWER-TPIBU-61 Datasheet
396Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU-61 TOTAL-POWER-TPIUU-61 Datasheet
296Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU-62 TOTAL-POWER-TPIUU-62 Datasheet
288Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU-63 TOTAL-POWER-TPIUU-63 Datasheet
277Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU-150 TOTAL-POWER-TPIUU-150 Datasheet
276Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-101 TOTAL-POWER-TPIBU-101 Datasheet
284Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-120 TOTAL-POWER-TPIUU-120 Datasheet
1Mb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-250 TOTAL-POWER-TPIUU-250 Datasheet
368Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPSBU-58 TOTAL-POWER-TPSBU-58 Datasheet
251Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPIBU-41 TOTAL-POWER-TPIBU-41 Datasheet
354Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com