Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC100EP451FA Datasheet(PDF) 7 Page - ON Semiconductor |
|
MC100EP451FA Datasheet(HTML) 7 Page - ON Semiconductor |
7 / 10 page MC10EP451, MC100EP451 http://onsemi.com 7 0 100 200 300 400 500 600 700 800 900 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 Figure 3. Fmax Typical FREQUENCY (MHz) 3.3 V 5 V Figure 4. Typical Termination for Output Driver and Device Evaluation (See Application Note AND8020/D − Termination of ECL Logic Devices.) Driver Device Receiver Device QD Q D Zo = 50 W Zo = 50 W 50 W 50 W VTT VTT = VCC − 2.0 V ORDERING INFORMATION Device Package Shipping† MC10EP451FA LQFP−32 250 Units / Tray MC10EP451FAR2 LQFP−32 2000 Tape & Reel MC10EP451FAG LQFP−32 (Pb−Free) 250 Units / Tray MC100EP451FA LQFP−32 250 Units / Tray MC100EP451FAR2 LQFP−32 2000 Tape & Reel MC100EP451FAG LQFP−32 (Pb−Free) 250 Units / Tray †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |
Número de pieza similar - MC100EP451FA |
|
Descripción similar - MC100EP451FA |