Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC1301QDWVQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AMC1301QDWVQ1
Descripción Electrónicos  Precision, 250-mV Input, Delay, Reinforced Isolated Amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1301QDWVQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC1301QDWVQ1 Datasheet HTML 4Page - Texas Instruments AMC1301QDWVQ1 Datasheet HTML 5Page - Texas Instruments AMC1301QDWVQ1 Datasheet HTML 6Page - Texas Instruments AMC1301QDWVQ1 Datasheet HTML 7Page - Texas Instruments AMC1301QDWVQ1 Datasheet HTML 8Page - Texas Instruments AMC1301QDWVQ1 Datasheet HTML 9Page - Texas Instruments AMC1301QDWVQ1 Datasheet HTML 10Page - Texas Instruments AMC1301QDWVQ1 Datasheet HTML 11Page - Texas Instruments AMC1301QDWVQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TA (°C)
0
50
100
150
200
0
100
200
300
400
500
D043
VDD1 = VDD2 = 3.6 V
VDD1 = VDD2 = 5.5 V
TA (°C)
0
50
100
150
200
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
D044
8
AMC1301-Q1
SBAS792A – APRIL 2017 – REVISED APRIL 2017
www.ti.com
Product Folder Links: AMC1301-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.10
Insulation Characteristics Curves
Figure 1. Thermal Derating Curve for Safety-Limiting
Current per VDE
Figure 2. Thermal Derating Curve for Safety-Limiting
Power per VDE
TA up to 150°C, stress voltage frequency = 60 Hz
Figure 3. Reinforced Isolation Capacitor Lifetime Projection


Número de pieza similar - AMC1301QDWVQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
1Mb / 35P
[Old version datasheet]   Precision, 250-mV Input, 3-us Delay, Reinforced Isolated Amplifier
AMC1301-Q1 TI1-AMC1301-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Precision, 250-mV Input, 3-us Delay, Reinforced Isolated Amplifier
AMC1301DWV TI1-AMC1301DWV Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301DWV TI1-AMC1301DWV Datasheet
1Mb / 35P
[Old version datasheet]   Precision, 250-mV Input, 3-us Delay, Reinforced Isolated Amplifier
More results

Descripción similar - AMC1301QDWVQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1301 TI1-AMC1301_18 Datasheet
1Mb / 35P
[Old version datasheet]   Precision, 250-mV Input, 3-us Delay, Reinforced Isolated Amplifier
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC3302 TI-AMC3302 Datasheet
955Kb / 24P
[Old version datasheet]   AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC1400 TI-AMC1400 Datasheet
1Mb / 38P
[Old version datasheet]   AMC1400 Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
JULY 2022
AMC1400-Q1 TI-AMC1400-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   AMC1400-Q1 Automotive, Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
JULY 2022
AMC3301 TI1-AMC3301 Datasheet
592Kb / 23P
[Old version datasheet]   AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302 TI-AMC3302_V01 Datasheet
956Kb / 25P
[Old version datasheet]   AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3301-Q1 TI-AMC3301-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC1202 TI-AMC1202 Datasheet
1Mb / 32P
[Old version datasheet]   AMC1202 Precision, 짹50-mV Input, Basic Isolated Amplifier
SBASAB8 ??MAY 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com