Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS3802-xx Datasheet(PDF) 7 Page - Texas Instruments

No. de Pieza. TPS3802-xx
Descripción  ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS3802-xx Datasheet(HTML) 7 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MR = OPEN
1.5
1
0.5
0
0
0.2
0.4
0.6
2
3
3.5
0.8
1
2.5
VDD Threshold Overdrive Voltage − V
−500
−400
−300
−200
−100
0
100
−2
0
2
4
6
VDD = 6 V
TA = 25°C
VI − Input Voltage at MR − V
0.988
0.990
0.992
0.994
0.996
0.998
1
1.002
1.004
1.006
−40
−20
0
20
40
60
80
TPS3801−01
TPS3801E18
TPS3800
TPS3802
TA − Free-Air Temperature at VDD − °C
0.995
0.996
0.997
0.998
0.999
1.000
1.001
TA − Free-Air Temperature at VDD − °C
−40
−20
0
20
40
60
85
MR = OPEN
TPS3801S25
TPS3801L30
TPS3801K33
TPS3801I50
TPS3801T50
TPS3800-xx
TPS3801-xx
TPS3802-xx
www.ti.com
SLVS219E – AUGUST 1999 – REVISED OCTOBER 2010
TYPICAL CHARACTERISTICS (continued)
spacer
spacer
INPUT CURRENT
MINIMUM PULSE DURATION AT VDD
vs
vs
INPUT VOLTAGE AT MR
VDD THRESHOLD OVERDRIVE VOLTAGE
Figure 7.
Figure 8.
NORMALIZED INPUT THRESHOLD VOLTAGE
NORMALIZED INPUT THRESHOLD VOLTAGE
vs
vs
FREE-AIR TEMPERATURE AT VDD
FREE-AIR TEMPERATURE AT VDD
Figure 9.
Figure 10.
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS3800-xx TPS3801-xx TPS3802-xx


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn