Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS25810TWRVCRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS25810TWRVCRQ1
Descripción Electrónicos  USB Type-C DFP Controller and Power Switch With Load Detection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25810TWRVCRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS25810TWRVCRQ1 Datasheet HTML 4Page - Texas Instruments TPS25810TWRVCRQ1 Datasheet HTML 5Page - Texas Instruments TPS25810TWRVCRQ1 Datasheet HTML 6Page - Texas Instruments TPS25810TWRVCRQ1 Datasheet HTML 7Page - Texas Instruments TPS25810TWRVCRQ1 Datasheet HTML 8Page - Texas Instruments TPS25810TWRVCRQ1 Datasheet HTML 9Page - Texas Instruments TPS25810TWRVCRQ1 Datasheet HTML 10Page - Texas Instruments TPS25810TWRVCRQ1 Datasheet HTML 11Page - Texas Instruments TPS25810TWRVCRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
TPS25810-Q1
SLVSD95 – NOVEMBER 2016
www.ti.com
Product Folder Links: TPS25810-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
–40°C
≤ TJ ≤ 125°C, 4.5 V ≤ VIN1 ≤ 6.5 V, 4.5 V ≤ VIN2 ≤ 5.5 V, 2.9 V ≤ VAUX ≤ 5.5 V; VEN = VCHG = VCHG_HI = VAUX, RREF =
100 k
Ω. Typical values are at 25°C. All voltages are with respect to GND. IOUT and IOS defined positive out of the indicated pin
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIN1(Ra)
Enabled supply current with
accessory or dangling
electronically marked cable
signature on CC lines
2
µA
IIN1(Rd)
Enabled supply current with UFP
attached
VCHG = 0 V, or VCHG = VAUX and VCHG_HI =
0 V
75
100
µA
85
110
IN2
VTH_UVLO_IN2
Rising threshold voltage for UVLO
3.9
4.1
4.3
V
Hysteresis(2)
100
mV
IIN2(DIS)
Disabled supply current
VEN = 0 V, –40°C ≤ TJ ≤ 85°C
1
µA
IIN2(CC_OPEN)
Enabled supply current with CC
lines open
–40°C
≤ TJ ≤ 85°C
1
µA
IIN2(Ra)
Enabled supply current with
accessory or dangling
electronically marked cable
signature on CC lines
2
µA
IIN2(Rd)
Enabled supply current with UFP
signature on CC lines
(Includes IN current that provides
the CC output current to the UFP
Rd resistor)
VCHG = 0 V, 0 V ≤ VCCx ≤ 1.5 V
98
110
µA
VCHG = VIN and VCHG_HI = 0 V, 0 V ≤ VCCx
1.5 V
198
215
0 V
≤ VCCx ≤ 2.45 V
348
373
AUX
VTH_UVLO_AUX Rising threshold voltage for UVLO
2.65
2.75
2.85
V
Hysteresis(2)
100
mV
IAUX(DIS)
Disabled supply current
VEN = 0 V, –40°C ≤ TJ ≤ 85°C
1
µA
IAUX(CC_OPEN)
Enabled internal supply current
with CC lines open
–40°C
≤ TJ ≤ 85°C
0.7
3
µA
IAUX(Ra)
Enabled supply current with
accessory or dangling active cable
signature on CC lines
140
185
µA
IAUX(Rd_noIN)
Enabled supply current with UFP
termination on CC lines and with
either IN1 or IN2 in UVLO
VIN1 < VTH_UVLO_IN1 or VIN2 < VTH_UVLO_IN2
145
190
µA
IAUX(Rd)
Enabled supply current with UFP
termination on CC lines
55
82
µA
6.6 Switching Characteristics
–40°C
≤ TJ ≤ 125°C, 4.5 V ≤ VIN1 ≤ 6.5 V, 4.5 V ≤ VIN2 ≤ 5.5 V, 2.9 V ≤ VAUX ≤ 5.5 V; VEN = VCHG = VCHG_HI = VAUX, RREF =
100 k
Ω. Typical values are at 25°C. All voltages are with respect to GND. IOUT and IOS defined positive out of the indicated pin
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUT – POWER SWITCH
tr
Output-voltage rise time
VIN1 = 5 V, CL = 1 µF, RL = 100 Ω
(measured from 10% to 90% of final
value)
1.2
1.8
2.5
ms
tf
Output-voltage fall time
0.35
0.55
0.75
ms
ton
Output-voltage turnon time
VIN1 = 5 V, CL = 1 µF, RL = 100 Ω
2.5
3.5
5
ms
toff
Output-voltage turnoff time
2
3
4.5
ms
OUT – CURRENT LIMIT
tios
Current-limit response time to short
circuit
VIN1 – VOUT = 1 V, RL = 10 mΩ, see
Figure 1
1.5
4
µs


Número de pieza similar - TPS25810TWRVCRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS25810TWRVCRQ1 TI1-TPS25810TWRVCRQ1 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
More results

Descripción similar - TPS25810TWRVCRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS25810 TI1-TPS25810_16 Datasheet
1Mb / 38P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
logo
Diodes Incorporated
AP25810LQ DIODES-AP25810LQ Datasheet
1Mb / 25P
   USB TYPE-C DFP CONTROLLER AND POWER SWITCH WITH LOAD DETECTION
October 2022 Rev. 3 - 2
logo
Texas Instruments
TPS25810 TI1-TPS25810_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810A-Q1 TI1-TPS25810A-Q1 Datasheet
688Kb / 35P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Digital Cable Compensation
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
[Old version datasheet]   USB Type-C DFP Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com