Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STEVAL-TSP001V1 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STEVAL-TSP001V1
Descripción Electrónicos  Respects source limitations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TSP001V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-TSP001V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TSP001V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TSP001V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TSP001V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
August 2008
Rev 1
1/4
4
STEVAL-TSP001V1
Power over Ethernet (PoE) demonstration
board based on the L6565
Features
Low profile, small size: 5" x 1.5" x 0.65" (0.5"
except RJ-45 Ethernet connectors)
Complies with all IEEE 802.3-2005 (IEEE
802.3af) PoE specifications
Respects source limitations
Does not pollute power source
1500 V isolated outputs eliminate ground loops
Economical output power (total power at output
approximately 10 W)
Useful output voltages
– 12 V @0.65 A output (7.8 W, loose
tolerance)
– 3.3 V @0.65 A output (2.145 W, tight
tolerance)
Increased cost-effectiveness due to SMT
construction (through-hole connectors for
ruggedness)
Description
This demonstration board is a Power over
Ethernet (PoE) system used to transmit electrical
power, along with data, to remote devices over a
standard twisted-pair cable in an Ethernet
network. The power supply fully complies with
IEEE 802.3-2005 PoE specifications and delivers
the rated output from any compliant source.
Outputs of 3.3 V and 12 V are used as examples
in this document, but other requirements can be
easily met with minor changes. The IEEE 802.3af
specification is intended to greatly simplify the
wiring to remote equipment by providing power
over the same medium that carries the signal to
and from the equipment. This concept is
particularly suitable for applications such as
security cameras, wireless access points, and
internet telephones (VoIP). The cable voltage was
selected so that existing 48 V telecom equipment
could be used to supply the power without
requiring DC-DC conversion.
STEVAL-TSP001V1
www.st.com


Número de pieza similar - STEVAL-TSP001V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-TSP004V2 STMICROELECTRONICS-STEVAL-TSP004V2 Datasheet
312Kb / 7P
   RoHs compliant
April 2015 Rev 1
STEVAL-TSP005V2 STMICROELECTRONICS-STEVAL-TSP005V2 Datasheet
298Kb / 7P
   IEEE 802.3af compliant PD interface
May 2014 Rev 1
STEVAL-TSP006V2 STMICROELECTRONICS-STEVAL-TSP006V2 Datasheet
320Kb / 7P
   IEEE 802.3af compliant PD interface
May 2014 Rev 1
STEVAL-TSP009V2 STMICROELECTRONICS-STEVAL-TSP009V2 Datasheet
311Kb / 7P
   IEEE 802.3at compliant PD interface
April 2015 Rev 1
More results

Descripción similar - STEVAL-TSP001V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STM8AL3XXX STMICROELECTRONICS-STM8AL3XXX Datasheet
258Kb / 18P
   device limitations
logo
Burr-Brown (TI)
AB-039 BURR-BROWN-AB-039 Datasheet
52Kb / 6P
   POWER AMPLIFIER STRESS AND POWER HANDLING LIMITATIONS
logo
STMicroelectronics
STM8S207MB STMICROELECTRONICS-STM8S207MB Datasheet
84Kb / 8P
   STM8S performance line revision X device limitations
logo
PerkinElmer Optoelectro...
VTD31AA PERKINELMER-VTD31AA Datasheet
25Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD205K PERKINELMER-VTD205K Datasheet
21Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD34 PERKINELMER-VTD34 Datasheet
24Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD34F PERKINELMER-VTD34F Datasheet
42Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD206 PERKINELMER-VTD206 Datasheet
26Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD206K PERKINELMER-VTD206K Datasheet
26Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD205 PERKINELMER-VTD205 Datasheet
21Kb / 1P
   Alternate Source/ Second Source Photodiodes
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com