Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC10D1000DAISY Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza ADC10D1000DAISY
Descripción Electrónicos  12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D1000DAISY Datasheet(HTML) 5 Page - Texas Instruments

  ADC10D1000DAISY Datasheet HTML 1Page - Texas Instruments ADC10D1000DAISY Datasheet HTML 2Page - Texas Instruments ADC10D1000DAISY Datasheet HTML 3Page - Texas Instruments ADC10D1000DAISY Datasheet HTML 4Page - Texas Instruments ADC10D1000DAISY Datasheet HTML 5Page - Texas Instruments ADC10D1000DAISY Datasheet HTML 6Page - Texas Instruments ADC10D1000DAISY Datasheet HTML 7Page - Texas Instruments ADC10D1000DAISY Datasheet HTML 8Page - Texas Instruments ADC10D1000DAISY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
GND
VA
200k
8 pF
VCMO
Enable AC
Coupling
VA
GND
VA
VA
GND
GND
Tdiode_P
Tdiode_N
GND
VA
V
GND
VA
V
5
ADC12D1620QML-SP
www.ti.com
SNAS717 – APRIL 2017
Product Folder Links: ADC12D1620QML-SP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions: Analog Front-End and Clock Pins (continued)
PIN
TYPE
DESCRIPTION
EQUIVALENT CIRCUIT
NAME
NO.
Rext+
Rext–
C3/D3
I/O
External reference resistor terminals. Connect a 3.3-
kΩ, ±0.1% resistor between Rext+, Rext–. The Rext
resistor is used as a reference to trim internal
circuits that affect the linearity of the converter; the
value and precision of this resistor must not be
compromised.
Rtrim+
Rtrim–
C1/D2
I/O
Input termination trim resistor terminals. Connect a
3.3-kΩ, ±0.1%resistor between Rtrim+/ Rtrim–. The
Rtrim resistor is used to establish the calibrated
100-Ω input impedance of Vinl, VinQ, and CLK.
These impedances may be fine-tuned by varying the
value of the resistor by a corresponding percentage;
however, the tuning range and performance is not
tested for such an alternative values.
Tdiode+
Tdiode–
E2/F3
O
Temperature sensor diode positive (anode) and
negative (cathode) terminals. This set of pins is
used for die temperature measurements. It has not
been fully characterized.
VBG
B1
I/O
Bandgap voltage output or LVDS common-mode
voltage select. This pin provides a buffered version
of the bandgap output voltage; it is capable of
sourcing/sinking 100 μA and driving a load of up to
80 pF. Alternately, this pin may be used to select
the LVDS digital output common-mode voltage. If
tied to logic-high, the 1.2-V LVDS common-mode
voltage is selected; 0.8 V is the default.
VCMO
C2
I/O
Common-mode voltage. This pin is the common-
mode output in DC-coupling mode and also serves
as the AC-coupling mode select pin. When DC-
coupling is used at the analog inputs, the voltage
output at this pin is required to be the common-
mode input voltage at VIN+ and VIN
−. When AC-
coupling is used, this pin must be grounded. This
pin is capable of sourcing or sinking 100 μA.


Número de pieza similar - ADC10D1000DAISY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC10D1000DAISY TI-ADC10D1000DAISY Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
More results

Descripción similar - ADC10D1000DAISY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC12D1620QML-SP TI-ADC12D1620QML-SP_V01 Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
ADC12D1600QML TI-ADC12D1600QML Datasheet
809Kb / 67P
[Old version datasheet]   12-Bit, Single or Dual, 3200/1600/800 MSPS RF Sampling ADC
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700 Datasheet
2Mb / 146P
[Old version datasheet]   5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI-ADC12DJ5200RF_V01 Datasheet
7Mb / 207P
[Old version datasheet]   ADC12DJ5200RF 10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_V01 Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700_V01 Datasheet
2Mb / 146P
[Old version datasheet]   ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com