Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STB6N80K5 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STB6N80K5
Descripción Electrónicos  Zener-protected
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6N80K5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB6N80K5 Datasheet HTML 3Page - STMicroelectronics STB6N80K5 Datasheet HTML 4Page - STMicroelectronics STB6N80K5 Datasheet HTML 5Page - STMicroelectronics STB6N80K5 Datasheet HTML 6Page - STMicroelectronics STB6N80K5 Datasheet HTML 7Page - STMicroelectronics STB6N80K5 Datasheet HTML 8Page - STMicroelectronics STB6N80K5 Datasheet HTML 9Page - STMicroelectronics STB6N80K5 Datasheet HTML 10Page - STMicroelectronics STB6N80K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DocID024661 Rev 3
7/26
STB6N80K5, STD6N80K5, STI6N80K5, STP6N80K5
Electrical characteristics
26
Figure 8. Gate charge vs gate-source voltage
Figure 9. Static drain-source on-resistance
Figure 10. Capacitance variations
Figure 11. Output capacitance stored energy
Figure 12. Normalized gate threshold voltage vs
temperature
Figure 13. Normalized on-resistance vs
temperature
VGS
6
4
2
0
0
4
Qg(nC)
(V)
8
6
8
10
VDD=640V
ID=4.5A
12
300
200
100
0
400
500
VDS
2
10
VDS
(V)
12
600
AM18117v1
C
100
10
1
0.1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
1000
AM18119v1
Eoss
2
1
0
0
VDS(V)
(µJ)
400
200
3
600
4
AM18120v1
1.1
0.8
0.6
0.4
TJ(°C)
0.5
0.7
0.9
1
1.2
-100
0
-50
100
50
150
VGS(th)
(norm)
AM18082v2
ID=100 µA
1.5
1
0.5
0
-100
0
TJ(°C)
-50
2
100
50
150
ID=2 A
2.5
VGS=10 V
RDS(on)
(norm)
AM18081v2


Número de pieza similar - STB6N80K5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STB6N52K3 STMICROELECTRONICS-STB6N52K3 Datasheet
1Mb / 22P
   Extremely high dv/dt capability
March 2011 Rev 2
STB6N60M2 STMICROELECTRONICS-STB6N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
May 2016 Rev 3
STB6N62K3 STMICROELECTRONICS-STB6N62K3 Datasheet
1Mb / 19P
   Very low intrinsic capacitance
December 2011 Rev 1
STB6N65M2 STMICROELECTRONICS-STB6N65M2 Datasheet
898Kb / 23P
   Zener-protected
August 2014 Rev 1
STB6NA60 STMICROELECTRONICS-STB6NA60 Datasheet
130Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
More results

Descripción similar - STB6N80K5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD7N80K5 STMICROELECTRONICS-STD7N80K5 Datasheet
1,009Kb / 21P
   Zener-protected
October 2013 Rev 5
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
   Zener-protected
November 2016 Rev 1
STW40N95K5 STMICROELECTRONICS-STW40N95K5 Datasheet
767Kb / 13P
   Zener-protected
November 2014 Rev 2
STW7N90K5 STMICROELECTRONICS-STW7N90K5 Datasheet
736Kb / 12P
   Zener-protected
October 2016 Rev 1
STU6N90K5 STMICROELECTRONICS-STU6N90K5 Datasheet
704Kb / 12P
   Zener-protected
November 2016 Rev 1
STD12N50M2 STMICROELECTRONICS-STD12N50M2 Datasheet
754Kb / 16P
   Zener-protected
December 2014 Rev 4
STL12N65M2 STMICROELECTRONICS-STL12N65M2 Datasheet
472Kb / 15P
   Zener-protected
May 2015 Rev 1
STU7LN80K5 STMICROELECTRONICS-STU7LN80K5 Datasheet
406Kb / 12P
   Zener-protected
January 2016 Rev 1
STF16N65M2 STMICROELECTRONICS-STF16N65M2 Datasheet
786Kb / 13P
   Zener-protected
October 2014 Rev 1
STW20N90K5 STMICROELECTRONICS-STW20N90K5 Datasheet
695Kb / 12P
   Zener-protected
December 2016 Rev 2
STL18N65M2 STMICROELECTRONICS-STL18N65M2 Datasheet
710Kb / 14P
   Zener-protected
October 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com