Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD3N80K5 Datasheet(PDF) 12 Page - STMicroelectronics

No. de pieza STD3N80K5
Descripción Electrónicos  N-channel 800 V, 2.8typ., 2.5 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3N80K5 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STD3N80K5 Datasheet HTML 8Page - STMicroelectronics STD3N80K5 Datasheet HTML 9Page - STMicroelectronics STD3N80K5 Datasheet HTML 10Page - STMicroelectronics STD3N80K5 Datasheet HTML 11Page - STMicroelectronics STD3N80K5 Datasheet HTML 12Page - STMicroelectronics STD3N80K5 Datasheet HTML 13Page - STMicroelectronics STD3N80K5 Datasheet HTML 14Page - STMicroelectronics STD3N80K5 Datasheet HTML 15Page - STMicroelectronics STD3N80K5 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Package mechanical data
STD3N80K5, STF3N80K5, STP3N80K5, STU3N80K5
12/23
DocID025000 Rev 3
Table 9. DPAK (TO-252) type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
5.10
E6.40
6.60
E1
4.70
e2.28
e1
4.40
4.60
H
9.35
10.10
L1.00
1.50
(L1)
2.80
L2
0.80
L4
0.60
1.00
R0.20
V2


Número de pieza similar - STD3N80K5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD3N25 STMICROELECTRONICS-STD3N25 Datasheet
172Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD3N30 STMICROELECTRONICS-STD3N30 Datasheet
143Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD3N30L STMICROELECTRONICS-STD3N30L Datasheet
170Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD3N40K3 STMICROELECTRONICS-STD3N40K3 Datasheet
990Kb / 16P
   Gate charge minimized
July 2012 Rev 1
logo
VBsemi Electronics Co.,...
STD3N40K3 VBSEMI-STD3N40K3 Datasheet
1Mb / 9P
   Power MOSFET
More results

Descripción similar - STD3N80K5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD2N80K5 STMICROELECTRONICS-STD2N80K5 Datasheet
1Mb / 23P
   N-channel 800 V, 3.5 廓 typ., 2 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2014 Rev 2
STD3NK80Z STMICROELECTRONICS-STD3NK80Z_09 Datasheet
888Kb / 18P
   N-channel 800 V, 3.8 廓, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
STD2N95K5 STMICROELECTRONICS-STD2N95K5 Datasheet
1Mb / 23P
   N-channel 950 V, 4.2 廓 typ., 2 A Zener-protected SuperMESH??5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
September 2013 Rev 1
STP8N80K5 STMICROELECTRONICS-STP8N80K5 Datasheet
1Mb / 16P
   N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages
STF6N95K5 STMICROELECTRONICS-STF6N95K5 Datasheet
1Mb / 23P
   N-channel 950 V, 1 廓 typ., 9 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
STD3NK80Z-1 STMICROELECTRONICS-STD3NK80Z-1_V01 Datasheet
1Mb / 29P
   N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
Rev 7 April 2017
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4 Datasheet
662Kb / 20P
   N-channel 900 V, 4.1 廓 typ., 3 A Zener-protected SuperMESH??Power MOSFET in DPAK, TO-220 and TO-220FP packages
January 2013 Rev 2
STW6N95K5 STMICROELECTRONICS-STW6N95K5 Datasheet
1Mb / 23P
   N-channel 950 V, 1 廓 typ., 9 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
   N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
STP3NK80Z STMICROELECTRONICS-STP3NK80Z_06 Datasheet
537Kb / 18P
   N-channel 800V - 3.8廓 - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com