Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD47N10F7AG Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza STD47N10F7AG
Descripción Electrónicos  Automotive-grade N-channel 100 V, 12.5 m廓 typ., 45 A, STripFET??F7 Power MOSFET in a DPAK package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD47N10F7AG Datasheet(HTML) 5 Page - STMicroelectronics

  STD47N10F7AG Datasheet HTML 1Page - STMicroelectronics STD47N10F7AG Datasheet HTML 2Page - STMicroelectronics STD47N10F7AG Datasheet HTML 3Page - STMicroelectronics STD47N10F7AG Datasheet HTML 4Page - STMicroelectronics STD47N10F7AG Datasheet HTML 5Page - STMicroelectronics STD47N10F7AG Datasheet HTML 6Page - STMicroelectronics STD47N10F7AG Datasheet HTML 7Page - STMicroelectronics STD47N10F7AG Datasheet HTML 8Page - STMicroelectronics STD47N10F7AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STD47N10F7AG
Electrical characteristics
DocID027183 Rev 3
5/16
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 50 V, ID = 22.5 A,
RG = 4.7
Ω, VGS = 10 V
(see Figure 13: "Test circuit for
resistive load switching times"
and Figure 18: "Switching time
waveform")
-
15
-
ns
tr
Rise time
-
17
-
ns
td(off)
Turn-off delay time
-
24
-
ns
tf
Fall time
-
8
-
ns
Table 7: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
45
A
ISDM(1)
Source-drain current
(pulsed)
-
180
A
VSD(2)
Forward on voltage
VGS = 0 V, ISD = 45 A
-
1.1
V
trr
Reverse recovery time
ISD = 45 A, di/dt = 100 A/µs,
VDD = 80 V, TJ = 150 °C
(see Figure 15: "Test circuit for
inductive load switching and
diode recovery times")
-
53
ns
Qrr
Reverse recovery charge
-
67
nC
IRRM
Reverse recovery current
-
2.5
A
Notes:
(1)Pulse width is limited by safe operating area.
(2)Pulsed: pulse duration = 300 µs, duty cycle 1.5%


Número de pieza similar - STD47N10F7AG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Visual Communications C...
STD470BLK VCC-STD470BLK Datasheet
67Kb / 1P
   STD
More results

Descripción similar - STD47N10F7AG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD30N10F7 STMICROELECTRONICS-STD30N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.02 廓 typ., 32 A STripFET??F7 Power MOSFET in a DPAK package
January 2016 Rev 3
STD100N10LF7AG STMICROELECTRONICS-STD100N10LF7AG Datasheet
659Kb / 17P
   Automotive-grade N-channel 100 V, 5 mΩ typ., 80 A STripFET™ F7 Power MOSFET in a DPAK package
June 2016
STD46N6F7 STMICROELECTRONICS-STD46N6F7 Datasheet
770Kb / 14P
   N-channel 60 V, 0.012 廓 typ., 15 A STripFET??F7 Power MOSFET in a DPAK package
January 2016 Rev 2
STP150N10F7AG STMICROELECTRONICS-STP150N10F7AG Datasheet
227Kb / 12P
   Automotive N-channel 100 V, 4.2 m廓 typ., 110 A, STripFET F7 Power MOSFET in a TO-220 package
July 2021
STD30N6LF6AG STMICROELECTRONICS-STD30N6LF6AG Datasheet
447Kb / 15P
   Automotive-grade N-channel 60 V, 19 m廓 typ., 24 A STripFET??F6 Power MOSFET in a DPAK package
June 2015 Rev 1
STH315N10F7-2 STMICROELECTRONICS-STH315N10F7-2 Datasheet
1Mb / 19P
   Automotive-grade N-channel 100 V, 2.1 m廓 typ., 180 A STripFET??F7 Power MOSFETs
September 2014 Rev 4
STH145N8F7-2AG STMICROELECTRONICS-STH145N8F7-2AG Datasheet
677Kb / 16P
   Automotive-grade N-channel 80 V, 3.3 m廓 typ., 90 A STripFET??F7 Power MOSFET in a H짼PAK-2 package
June 2015 Rev 1
STD140N6F7 STMICROELECTRONICS-STD140N6F7 Datasheet
678Kb / 13P
   N-channel 60 V, 3.1 m(ohm) typ., 80 A STripFET F7 Power MOSFET in a DPAK package
STD134N4F7AG STMICROELECTRONICS-STD134N4F7AG Datasheet
786Kb / 16P
   Automotive-grade N-channel 40 V, 2.5 m typ., 80 A STripFETTM F7 Power MOSFET in a DPAK package
December 2016 Rev 1
STD170N4F7AG STMICROELECTRONICS-STD170N4F7AG Datasheet
783Kb / 16P
   Automotive-grade N-channel 40 V, 2.2 m typ., 80 A STripFETTM F7 Power MOSFET in a DPAK package
December 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com