Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4066 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
CD74HC4066 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 19 page 1 Data sheet acquired from Harris Semiconductor SCHS208D Features • Wide Analog-Input-Voltage Range . . . . . . . . . . 0V - 10V • Low “ON” Resistance -VCC = 4.5V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25Ω -VCC = 9V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15Ω • Fast Switching and Propagation Delay Times • Low “OFF” Leakage Current • Wide Operating Temperature Range . . . -55oC to 125oC • HC Types - 2V to 10V Operation - High Noise Immunity: NIL = 30%, NIH = 30% of VCC at VCC = 5V and 10V • HCT Types - Direct LSTTL Input Logic Compatibility, VIL= 0.8V (Max), VIH = 2V (Min) - CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH Description The ’HC4066 and CD74HCT4066 contain four independent digitally controlled analog switches that use silicon-gate CMOS technology to achieve operating speeds similar to LSTTL with the low power consumption of standard CMOS integrated circuits. These switches feature the characteristic linear “ON” resistance of the metal-gate CD4066B. Each switch is turned on by a high-level voltage on its control input. Pinout CD54HC4066 (CERDIP) CD74HC4066 (PDIP, SOIC, TSSOP) CD74HCT4066 (PDIP, SOIC) TOP VIEW Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD54HC4066F3A -55 to 125 14 Ld CERDIP CD74HC4066E -55 to 125 14 Ld PDIP CD74HC4066M -55 to 125 14 Ld SOIC CD74HC4066MT -55 to 125 14 Ld SOIC CD74HC4066M96 -55 to 125 14 Ld SOIC CD74HC4066PW -55 to 125 14 Ld TSSOP CD74HC4066PWR -55 to 125 14 Ld TSSOP CD74HC4066PWT -55 to 125 14 Ld TSSOP CD74HCT4066E -55 to 125 14 Ld PDIP CD74HCT4066M -55 to 125 14 Ld SOIC CD74HCT4066MT -55 to 125 14 Ld SOIC CD74HCT4066M96 -55 to 125 14 Ld SOIC NOTE: When ordering, use the entire part number. The suffixes 96 and R denote tape and reel. The suffix T denotes a small-quantity reel of 250. 1Y 1Z 2Z 2Y 2E 3E GND VCC 1E 4E 4Y 4Z 3Z 3Y 1 2 3 4 5 6 7 14 13 12 11 10 9 8 February 1998 - Revised August 2003 CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © 2003, Texas Instruments Incorporated CD54HC4066, CD74HC4066, CD74HCT4066 High-Speed CMOS Logic Quad Bilateral Switch [ /Title (CD74H C4066, CD74H CT4066 ) /Subject (High- Speed CMOS Logic Quad |
Número de pieza similar - CD74HC4066 |
|
Descripción similar - CD74HC4066 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |