Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4066PWG4 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
CD74HC4066PWG4 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 19 page 6 Control to Switch Feedthrough Noise Figure 7 4.5 200 130 mV 9 550 N/A mV Switch “OFF” Signal Feedthrough Figure 3 Figure 8, Notes 7, 8 4.5 -72 -72 dB Switch Input Capacitance, CS -5 5 pF NOTES: 6. Adjust input level for 0dBm at output, f = 1MHz. 7. VIS is centered at VCC/2. 8. Adjust input for 0dBm at VIS. Analog Channel Specifications TA = 25oC (Continued) PARAMETER TEST CONDITIONS VCC (V) HC4066 CD74HCT4066 UNITS Typical Performance Curves FIGURE 1. TYPICAL “ON” RESISTANCE vs INPUT SIGNAL VOLTAGE FIGURE 2. SWITCH FREQUENCY RESPONSE, VCC = 4.5V FIGURE 3. SWITCH-OFF SIGNAL FEEDTHROUGH AND CROSSTALK vs FREQUENCY, VCC = 4.5V VCC = 4.5V, PIN 1 TO 2 50 40 30 20 10 0 01 2 3 4 5 4.5 6 7 8 9 10 INPUT SIGNAL VOLTAGE, VIS (V) VCC = 9V, PIN 1 TO 3 TA = 25 oC, GND = 0V CL = 10pF VCC = 4.5V RL = 50Ω TA = 25 oC PIN 4 TO 3 0 -1 -2 -3 -4 FREQUENCY, f (Hz) 104 105 106 107 108 CL = 10pF VCC = 4.5V RL = 50Ω TA = 25 oC PIN 4 TO 3 -20 -40 -60 -80 -100 FREQUENCY, f (Hz) 104 105 106 107 108 0 CD54HC4066, CD74HC4066, CD74HCT4066 |
Número de pieza similar - CD74HC4066PWG4 |
|
Descripción similar - CD74HC4066PWG4 |