Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCVF857ZQLR Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza CDCVF857ZQLR
Descripción Electrónicos  2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF857ZQLR Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCVF857ZQLR Datasheet HTML 5Page - Texas Instruments CDCVF857ZQLR Datasheet HTML 6Page - Texas Instruments CDCVF857ZQLR Datasheet HTML 7Page - Texas Instruments CDCVF857ZQLR Datasheet HTML 8Page - Texas Instruments CDCVF857ZQLR Datasheet HTML 9Page - Texas Instruments CDCVF857ZQLR Datasheet HTML 10Page - Texas Instruments CDCVF857ZQLR Datasheet HTML 11Page - Texas Instruments CDCVF857ZQLR Datasheet HTML 12Page - Texas Instruments CDCVF857ZQLR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.ti.com
Probe
C=14pF
Z=60 W
Z=60 W
R=1MW
R=1MW
V
(TT)
V
(TT)
C=14pF
GND
GND
C=1pF
C=1pF
V
=GND
(TT)
GND
V
DD
R=120 W
CDCVF857
S0231-01
Yx,FBOUT
YxFBOUT
,
t
c(n)
t
c(n +1)
t
=t
– t
jit(cc)
c(n)
c(n+1)
T0174-01
(N>1000Samples)
FBIN
t
( )n
f
t
( )n+1
f
CLK
FBIN
CLK
t
( )n
f
t
( )
f =
n=N
1
N
S
T0175-01
CDCVF857
SCAS047F – MARCH 2003 – REVISED MAY 2007
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 3. Output Load Test Circuit for Crossing Point
Figure 4. Cycle-to-Cycle Jitter
Figure 5. Phase Offset
9
Submit Documentation Feedback


Número de pieza similar - CDCVF857ZQLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCVF857ZQLR TI1-CDCVF857ZQLR Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
More results

Descripción similar - CDCVF857ZQLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCVF857 TI1-CDCVF857_16 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855 TI-CDCVF855 Datasheet
241Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855 TI1-CDCVF855_16 Datasheet
793Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF2505-Q1 TI1-CDCVF2505-Q1 Datasheet
225Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCKED LOOP CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501 PERICOM-PI6C2501 Datasheet
235Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com