Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMH0344 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMH0344
Descripción Electrónicos  3-Gbps HD - SD SDI Adaptive Cable Equalizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0344 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH0344 Datasheet HTML 3Page - Texas Instruments LMH0344 Datasheet HTML 4Page - Texas Instruments LMH0344 Datasheet HTML 5Page - Texas Instruments LMH0344 Datasheet HTML 6Page - Texas Instruments LMH0344 Datasheet HTML 7Page - Texas Instruments LMH0344 Datasheet HTML 8Page - Texas Instruments LMH0344 Datasheet HTML 9Page - Texas Instruments LMH0344 Datasheet HTML 10Page - Texas Instruments LMH0344 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LMH0344
www.ti.com
SNLS233O – APRIL 2007 – REVISED JULY 2015
DC Electrical Characteristics (continued)
over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1)(2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MUTER MUTEREF DC Voltage (floating)
1.3
V
EF
MUTEREF Range
0.6
V
CD Output Voltage
Carrier not present
2.4
V
Carrier present
0.4
V
MUTE Input Voltage
Min to mute outputs
2.0
V
Max to force outputs active
0.8
V
ICC
Supply Current
85
100
mA
6.6 AC Electrical Characteristics
over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BRMIN
Minimum Input Data Rate
143
Mbps
(SDI, SDI)
BRMax
Maximum Input Data Rate
2970
Mbps
(SDI, SDI)
TJRaw
Jitter for Various Cable
270 Mbps, Belden 1694A,
0.2
Lengths
0 to 400 meters(3)
270 Mbps, Belden 1694A,
0.07
0 to 400 meters(4)
1.485 Gbps, Belden 1694A,
0.25
0 to 140 meters(3)
UI
1.485 Gbps, Belden 1694A,
0.08
0-140 meters(4)
2.97 Gbps, Belden 1694A,
0.3
0 to 120 meters(3)
2.97 Gbps, Belden 1694A,
0.18
0 to 120 meters(4)
Output Rise Time, Fall
20% to 80%(5)
tr,tf
60
130
ps
Time (SDO, SDO)
TR_F_Del Mismatch in Rise/Fall Time
See (5)
2
15
ps
ta
(SDO, SDO)
Output Overshoot (SDO,
See (5)
tOS
1%
5%
SDO)
Output Resistance (SDO,
single-ended
ROUT
50
SDO)
Input Return Loss (SDI,
5 MHz
15
dB
SDI)
to 1.5 GHz(6)
RLIN
1.5 GHz
10
dB
to 3.0 GHz(6)
RIN
Input Resistance (SDI, SDI) single-ended
1.3
k
Input Capacitance (SDI,
single-ended
CIN
1
pF
SDI)
(1)
Typical values are stated for VCC = +3.3 V and TA = +25°C.
(2)
Due to SMPTE naming convention, all SMPTE Engineering Documents will be numbered as a two-letter prefix and a number.
Documents and references with the same root number and year are functionally identical; for example ST 424-2006 and SMPTE 424M-
2006 refer to the same document.
(3)
Based on characterization data over the full range of recommended operating conditions of the device. Jitter is measured in accordance
with RP 184, RP 192, and the applicable serial data transmission standard: ST 424, ST 292, or ST 259.
(4)
Measured with Pseudo Matrix Pathological test signal.
(5)
Specification is ensured by characterization.
(6)
Input return loss is dependent onboard design. The LMH0344 exceeds this specification on the SD344 evaluation board with a return
loss network consisting of an 8.2-nH inductor in parallel with a 0.5-pF capacitor in parallel with the 75
Ω series resistor on the input.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH0344


Número de pieza similar - LMH0344

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH0344 NSC-LMH0344 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results

Descripción similar - LMH0344

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
   3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Texas Instruments
LMH0387 TI1-LMH0387 Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387 TI1-LMH0387_16 Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com