Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OPT3001IDNPTQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza OPT3001IDNPTQ1
Descripción Electrónicos  Ambient Light Sensor (ALS)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

OPT3001IDNPTQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPT3001IDNPTQ1 Datasheet HTML 4Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 5Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 6Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 7Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 8Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 9Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 10Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 11Page - Texas Instruments OPT3001IDNPTQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Power Supply (V)
1.6
2
2.4
2.8
3.2
3.6
0.998
0.999
1
1.001
1.002
D009
Illuminance Angle (Degrees)
-90
-70
-50
-30
-10
10
30
50
70
90
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D010
Temperature ( qC)
-40
-20
0
20
40
60
80
100
120
0.97
0.98
0.99
1
1.01
1.02
D008
Power Supply (V)
1.6
2
2.4
2.8
3.2
3.6
600
700
800
900
1000
D017
Full-Scale Range (Lux)
0.980
0.990
1.000
1.010
1.020
2620.8
5241.6
10483.2
20966.4
41932.8
83865.6
1.000
1.002
1.003
1.002
1.000
1.004
D007
Temperature (qC)
-40
-20
0
20
40
60
80
100
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
D0016
8
OPT3001-Q1
SBOS853 – MARCH 2017
www.ti.com
Product Folder Links: OPT3001-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VDD = 3.3 V, 800-ms conversion time (CT = 1), automatic full-scale range (RN[3:0] = 1100b), white LED, and
normal-angle incidence of light, unless otherwise specified.
Input illuminance = 2490 lux,
normalized to response of 2560 lux full-scale
Figure 8. Full-Scale-Range Matching (Highest 6 Ranges)
Average of 30 devices
Figure 9. Dark Response vs Temperature
Figure 10. Normalized Response vs Temperature
Figure 11. Conversion Time vs Power Supply
Figure 12. Normalized Response vs Power-Supply Voltage
Figure 13. Normalized Response vs Illuminance Angle


Número de pieza similar - OPT3001IDNPTQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
OPT3001IDNPTQ1 TI1-OPT3001IDNPTQ1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
More results

Descripción similar - OPT3001IDNPTQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
OPT3001 TI-OPT3001_15 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1_18 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3004 TI1-OPT3004 Datasheet
758Kb / 40P
[Old version datasheet]   Ambient Light Sensor (ALS) With Excellent Angular IR Rejection
OPT3005 TI-OPT3005 Datasheet
1Mb / 40P
[Old version datasheet]   OPT3005 Ambient Light Sensor (ALS) for Video Surveillance Cameras
DECEMBER 2022
OPT3004 TI-OPT3004_V01 Datasheet
2Mb / 47P
[Old version datasheet]   OPT3004 Ambient Light Sensor (ALS) With Excellent Angular IR Rejection
DECEMBER 2021
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
   Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
   ALS, Light-to-Digital Sensor
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
   ALS, Light-to-Digital Sensor
2018-Jan-23
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
   ALS, Light-to-Digital Sensor
2019-Mar-20
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com