Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STAC1011-350 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza STAC1011-350
Descripción Electrónicos  Excellent thermal stability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC1011-350 Datasheet(HTML) 4 Page - STMicroelectronics

  STAC1011-350 Datasheet HTML 1Page - STMicroelectronics STAC1011-350 Datasheet HTML 2Page - STMicroelectronics STAC1011-350 Datasheet HTML 3Page - STMicroelectronics STAC1011-350 Datasheet HTML 4Page - STMicroelectronics STAC1011-350 Datasheet HTML 5Page - STMicroelectronics STAC1011-350 Datasheet HTML 6Page - STMicroelectronics STAC1011-350 Datasheet HTML 7Page - STMicroelectronics STAC1011-350 Datasheet HTML 8Page - STMicroelectronics STAC1011-350 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STAC1011-350
4/14
DocID022043 Rev 6
2
Electrical characteristics
TCASE = + 25 °C
2.1
Static
2.2
Dynamic
Vdd = 36 V, Idq = 150 mA, pulse width = 50 µs, duty cycle = 2 %
Table 4. Static (per section)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
IDS = 10 mA
80
V
IDSS
VDS = 28 V
2
µA
IGSS
VGS = 15 V
1
µA
VGS(Q)
VDS = 28 V
IDS = 150 mA
2.0
5.0
V
VDS(ON)
VGS = 10 V
IDS = 6 A
550
600
mV
GFS
VDS = 10 V
IDS = 6 A
2.5
mho
Table 5. Dynamic
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Frequency
1030
1090
MHz
POUT
PIN = 15 W
350
370
W
GPS
POUT = 350 W
13
15
dB
ηD
POUT = 350 W
50
53
%
Tr
Rise Time - POUT = 350 W
50
ns
Tf
Fall Time - POUT = 350 W
25
ns
Droop
POUT = 350 W
0.2
dB
Load
Mismatch
All phase angles at POUT = 350 W
10:1
VSWR


Número de pieza similar - STAC1011-350

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STAC1011-500 STMICROELECTRONICS-STAC1011-500 Datasheet
490Kb / 9P
   500 W, 50 V, 700 to 1200 MHz RF power LDMOS transistor
October 2019 Rev 3
More results

Descripción similar - STAC1011-350

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
   Excellent thermal stability
January 2013 Rev 1
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
   Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
   Excellent thermal stability
April 2014 Rev 3
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
   Excellent thermal stability
October 2011 Rev 3
STAC2943 STMICROELECTRONICS-STAC2943 Datasheet
350Kb / 12P
   Excellent thermal stability
January 2012 Rev 1
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
   Excellent thermal stability
January 2012 Rev 1
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
   Excellent thermal stability
January 2014 Rev 7
STAC4932F STMICROELECTRONICS-STAC4932F Datasheet
330Kb / 12P
   Excellent thermal stability
September 2010 Rev 3
STAC4933 STMICROELECTRONICS-STAC4933 Datasheet
398Kb / 12P
   Excellent thermal stability
May 2017 Rev 2
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
   Excellent thermal stability
May 2013 Rev 1
PD84006-E STMICROELECTRONICS-PD84006-E Datasheet
214Kb / 11P
   Excellent thermal stability
May 2012 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com