Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si4463-Bxx-FM Datasheet(PDF) 1 Page - Silicon Laboratories

No. de pieza Si4463-Bxx-FM
Descripción Electrónicos  HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4463-Bxx-FM Datasheet(HTML) 1 Page - Silicon Laboratories

  Si4463-Bxx-FM Datasheet HTML 1Page - Silicon Laboratories Si4463-Bxx-FM Datasheet HTML 2Page - Silicon Laboratories Si4463-Bxx-FM Datasheet HTML 3Page - Silicon Laboratories Si4463-Bxx-FM Datasheet HTML 4Page - Silicon Laboratories Si4463-Bxx-FM Datasheet HTML 5Page - Silicon Laboratories Si4463-Bxx-FM Datasheet HTML 6Page - Silicon Laboratories Si4463-Bxx-FM Datasheet HTML 7Page - Silicon Laboratories Si4463-Bxx-FM Datasheet HTML 8Page - Silicon Laboratories Si4463-Bxx-FM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Rev 1.2 1/16
Copyright © 2016 by Silicon Laboratories
Si4464/63/62/61/60
Si4464/63/61/60
H IGH-P ERFORMANCE, L OW-C URRENT TRANSCEIVER
Features
Applications
Description
Silicon Laboratories' Si446x devices are high-performance, low-current
transceivers covering the sub-GHz frequency bands from 119 to 1050 MHz. The
radios are part of the EZRadioPRO® family, which includes a complete line of
transmitters, receivers, and transceivers covering a wide range of applications. All
parts offer outstanding sensitivity of –126 dBm while achieving extremely low
active and standby current consumption. The Si4463/61/60 offers frequency
coverage in all major bands. The Si4464 offers frequency coverage in bands not
covered by Si4463/61/60. Typically, these are non-standard frequencies or
licensed frequency bands. The Si446x includes optimal phase noise, blocking,
and selectivity performance for narrow band and licensed band applications, such
as FCC Part90 and 169 MHz wireless Mbus. The 60 dB adjacent channel
selectivity with 12.5 kHz channel spacing ensures robust receive operation in
harsh RF conditions, which is particularly important for narrow band operation.
The Si4464/63 offers exceptional output power of up to +20 dBm with outstanding
TX efficiency. The high output power and sensitivity results in an industry-leading
link budget of 146 dB allowing extended ranges and highly robust communication
links. The Si4460 active mode TX current consumption of 18 mA at +10 dBm and
RX current of 10 mA coupled with extremely low standby current and fast wake
times ensure extended battery life in the most demanding applications. The
Si4464/63 can achieve up to +27 dBm output power with built-in ramping control
of a low-cost external FET. The devices can meet worldwide regulatory standards:
FCC, ETSI, and ARIB. All devices are designed to be compliant with 802.15.4g
and WMbus smart metering standards. The devices are highly flexible and can be
configured via the Wireless Development Suite (WDS) available on the Silicon
Labs web site.
Frequency range = 119–1050 MHz
Receive sensitivity = –126 dBm
Modulation

(G)FSK, 4(G)FSK, (G)MSK

OOK
Max output power

+20 dBm (Si4464/63)

+16 dBm (Si4461)

+13 dBm (Si4460)
PA support for +27 or +30 dBm
Low active power consumption

10/13 mA RX

18 mA TX at +10 dBm (Si4460)
Ultra low current powerdown modes

30 nA shutdown, 50 nA standby
Data rate = 100 bps to 1 Mbps
Fast wake and hop times
Power supply = 1.8 to 3.6 V
Excellent selectivity performance

60 dB adjacent channel

75 dB blocking at 1 MHz
Antenna diversity and T/R switch control
Highly configurable packet handler
TX and RX 64 byte FIFOs
Auto frequency control (AFC)
Automatic gain control (AGC)
Low BOM
Low battery detector
Temperature sensor
20-Pin QFN package
IEEE 802.15.4g compliant
FCC Part 90 Mask D, FCC part 15.247,
15,231, 15,249, ARIB T-108, T-96, T-67,
RCR STD-30, China regulatory
ETSI Class-I Operation with SAW
Smart metering (802.15.4g & MBus)
Remote control
Home security and alarm
Telemetry
Garage and gate openers
Remote keyless entry
Home automation
Industrial control
Sensor networks
Health monitors
Electronic shelf labels
Patents pending
Pin Assignments
GND
PAD
1
2
3
17
18
19
20
11
12
13
14
6
7
8
9
4
5
16
10
15 nSEL
SDI
SDO
SCLK
NC
SDN
TX
nIRQ
RXp
RXn


Número de pieza similar - Si4463-Bxx-FM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si4463-B1B-FM SILABS-Si4463-B1B-FM Datasheet
243Kb / 3P
   Version 1.2 of the Si4464-63-61-60 datasheet is now available
More results

Descripción similar - Si4463-Bxx-FM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4467-A2A-IM SILABS-SI4467-A2A-IM Datasheet
1Mb / 57P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
SI4463-C2A-GM SILABS-SI4463-C2A-GM Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
SI4460-C2A-GM SILABS-SI4460-C2A-GM Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
SI4438-C2A-GM SILABS-SI4438-C2A-GM Datasheet
1Mb / 44P
   GH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0
logo
Texas Instruments
CC1121RHBT TI1-CC1121RHBT Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Low Power RF Transceiver
logo
HOPE Microelectronics C...
RFM75P HOPE-RFM75P Datasheet
1Mb / 26P
   Low Power High Performance GFSK Transceiver
logo
Texas Instruments
CC1200 TI1-CC1200 Datasheet
1Mb / 30P
[Old version datasheet]   Low Power, High Performance RF Transceiver
CC1201 TI1-CC1201 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Power, High-Performance RF Transceiver
CC1121 TI1-CC1121 Datasheet
897Kb / 29P
[Old version datasheet]   High Performance Low Power RF Transceiver
logo
HOPE Microelectronics C...
RFM75 HOPE-RFM75 Datasheet
1Mb / 28P
   Low Power High Performance GFSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com