Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EZR32LG330F256 Datasheet(PDF) 1 Page - Silicon Laboratories |
|
EZR32LG330F256 Datasheet(HTML) 1 Page - Silicon Laboratories |
1 / 87 page EZR32LG Wireless MCUs EZR32LG330 Data Sheet EZR32LG330 Wireless MCU family with ARM Cortex-M3 CPU, USB, and sub-GHz Radio The EZR32LG Wireless MCUs are the latest in Silicon Labs family of wireless MCUs de- livering a high performance, low energy wireless solution integrated into a small form factor package. By combining a high performance sub-GHz RF transceiver with an ener- gy efficient 32-bit MCU, the EZR32LG family provides designers the ultimate in flexibility with a family of pin-compatible devices that scale with 64/128/256 kB of flash and sup- port Silicon Labs EZRadio or EZRadioPRO transceivers. The ultra-low power operating modes and fast wake-up times of the Silicon Labs energy friendly 32-bit MCUs, com- bined with the low transmit and receive power consumption of the sub-GHz radio, result in a solution optimized for battery powered applications. 32-Bit ARM Cortex wireless MCUs applications include the following: KEY FEATURES • Silicon Labs’ first 32-bit Wireless MCUs • Based on ARM Cortex M3 (LG) and M4 (WG) CPU cores with 256 kB of flash and 32 kB RAM • Best-in-class RF performance with EZradio and EZRadioPro transceivers • Ultra-low power wireless MCU • Low transmit and receive currents • Ultra-low power standby and sleep modes • Fast wake-up time • Low Energy sensor interface (LESENSE) • Rich set of peripherals including 12-bit ADC and DAC, multiple communication interfaces (USB, UART, SPI, I2C), multiple GPIO and timers • AES Accelerator with 128/256-bit keys • Energy, gas, water and smart metering • Health and fitness applications • Consumer electronics • Alarm and security systems • Building and home automation silabs.com | Smart. Connected. Energy-friendly. Rev. 1.1 |
Número de pieza similar - EZR32LG330F256 |
|
Descripción similar - EZR32LG330F256 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |