Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STFW2N105K5 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STFW2N105K5
Descripción Electrónicos  N-channel 1050 V, 6 廓 typ., 1.5 A Zener-protected SuperMESH??5 Power MOSFET in a TO-3PF package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW2N105K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STFW2N105K5 Datasheet HTML 1Page - STMicroelectronics STFW2N105K5 Datasheet HTML 2Page - STMicroelectronics STFW2N105K5 Datasheet HTML 3Page - STMicroelectronics STFW2N105K5 Datasheet HTML 4Page - STMicroelectronics STFW2N105K5 Datasheet HTML 5Page - STMicroelectronics STFW2N105K5 Datasheet HTML 6Page - STMicroelectronics STFW2N105K5 Datasheet HTML 7Page - STMicroelectronics STFW2N105K5 Datasheet HTML 8Page - STMicroelectronics STFW2N105K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DocID026320 Rev 1
3/14
STFW2N105K5
Electrical ratings
14
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
GS
Gate- source voltage
30
V
I
D
Drain current (continuous) at T
C
= 25 °C
2
(1)
1.
Pulse width limited by safe operating area.
A
I
D
Drain current (continuous) at T
C
= 100 °C
1.3
(1)
A
I
DM
Drain current (pulsed)
6
A
P
TOT
Total dissipation at T
C
= 25 °C
30
W
I
AR
Max current during repetitive or single pulse avalanche
0.5
A
E
AS
Single pulse avalanche energy
(starting T
J
= 25 °C, I
D
=I
AS
, V
DD
= 50 V)
90
mJ
dv/dt
(2)
2.
I
SD
≤ 1.5 A, di/dt ≤ 100 A/μs, V
Peak
≤ V
(BR)DSS.
Peak diode recovery voltage slope
4.5
V/ns
dv/dt
(3)
3.
V
SD
≤ 840 V
MOSFET dv/dt ruggedness
50
V/ns
V
ISO
Insulation withstand voltage (RMS) from all three leads to
external heat sink (t=1 s; TC=25 °C)
3500
V
T
j
T
stg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
R
thj-case
Thermal resistance junction-case max
4.2
°C/W
R
thj-amb
Thermal resistance junction-ambient max
50
°C/W


Número de pieza similar - STFW2N105K5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
STFW20N65M5 ISC-STFW20N65M5 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STFW20N65M5 STMICROELECTRONICS-STFW20N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.160 Ω typ., 18 A MDmesh M5 Power MOSFETs in TO-220FP, I²PAKFP and TO-3PF packages
March 2017
More results

Descripción similar - STFW2N105K5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STF8N80K5 STMICROELECTRONICS-STF8N80K5 Datasheet
1Mb / 15P
   N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220FP
STD3PK50Z STMICROELECTRONICS-STD3PK50Z Datasheet
740Kb / 15P
   P-channel 500 V, 3 廓 typ., 2.8 A Zener-protected SuperMESH??Power MOSFET in a DPAK package
STL8N80K5 STMICROELECTRONICS-STL8N80K5 Datasheet
1Mb / 17P
   N-channel 800 V, 0.80 typ., 4.5 A Zener-protected SuperMESH 5 Power MOSFET in a PowerFLAT
STFW3N170 STMICROELECTRONICS-STFW3N170 Datasheet
702Kb / 12P
   N-channel 1700 V, 7 廓 typ., 2.6 A PowerMESH??Power MOSFET in a TO-3PF package
September 2015 Rev 3
STP8N80K5 STMICROELECTRONICS-STP8N80K5 Datasheet
1Mb / 16P
   N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages
STFI20NK50Z STMICROELECTRONICS-STFI20NK50Z Datasheet
531Kb / 13P
   N-channel 500 V, 0.23 廓, 17 A Zener-protected SuperMESH?? Power MOSFET in I짼PAKFP package
March 2012 Rev 3
STFI13NK60Z STMICROELECTRONICS-STFI13NK60Z Datasheet
516Kb / 13P
   N-channel 600 V, 0.48 廓, 13 A, Zener-protected SuperMESH??Power MOSFET in I짼PAKFP package
March 2012 Rev 3
STP5N105K5 STMICROELECTRONICS-STP5N105K5 Datasheet
639Kb / 14P
   N-channel 1050 V, 2.9 廓 typ., 3 A MDmesh??K5 Power MOSFET in a TO-220 package
October 2014 Rev 3
STFW8N120K5 STMICROELECTRONICS-STFW8N120K5 Datasheet
302Kb / 12P
   N-channel 1200 V, 1.65 Ω typ., 6 A, MDmesh K5 Power MOSFET in a TO-3PF package
DS12562 - Rev 2 - July 2018
logo
STATEK CORPORATION
STU3N45K3 STATEK-STU3N45K3 Datasheet
838Kb / 14P
   N-channel 450 V - 3.3 廓 typ., 1.8 A Zener-protected SuperMESH3??Power MOSFET in a IPAK package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com