Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4312-B10-GMR Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza SI4312-B10-GMR
Descripción Electrónicos  315/433.92 MHZ OOK RECEIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4312-B10-GMR Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI4312-B10-GMR Datasheet HTML 7Page - Silicon Laboratories SI4312-B10-GMR Datasheet HTML 8Page - Silicon Laboratories SI4312-B10-GMR Datasheet HTML 9Page - Silicon Laboratories SI4312-B10-GMR Datasheet HTML 10Page - Silicon Laboratories SI4312-B10-GMR Datasheet HTML 11Page - Silicon Laboratories SI4312-B10-GMR Datasheet HTML 12Page - Silicon Laboratories SI4312-B10-GMR Datasheet HTML 13Page - Silicon Laboratories SI4312-B10-GMR Datasheet HTML 14Page - Silicon Laboratories SI4312-B10-GMR Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Si4312
Rev. 0.5
11
Since the OFF time = RATIO x BT and the values for RATIO are either 5 or 10, RATIO should be chosen such that
either the value of 5 or 10 x the BT[1:0] setting is just larger than the OFF time. For the PPM example shown in
Figure 4, BT[1:0] = (1,1) since BT = 100 µs. The actual OFF time is 900 µs; so, we would set pin 5 = 1 to get a
RATIO of 10 such that the calculated OFF time is BT[1:0] x RATIO = 100 µs x 10 = 1000 µs, which is greater than
the actual OFF time of 900 µs.
An alternative approach to choosing the RATIO bit (pin 5) is to choose the RATIO parameter such that the
threshold calculation window is greater than the actual ON plus OFF times using Table 11 and the values chosen
for BT[1:0].
3.6. Frequency Scanning
The channel bandwidth directly affects the sensitivity of any wireless receiver. Typical analog OOK receivers use
an external ceramic filter with a large bandwidth to accommodate the data rate, crystal tolerances, and transmit
carrier frequency offsets, which leads to unnecessary amounts of noise and lower sensitivity levels. The Si4312
uses a narrow channel bandwidth of 160 kHz and frequency scanning to obtain excellent sensitivity levels
(–110 dBm at data rate of 1 kbps at 315 MHz) while still accommodating up to ±210 kHz of scan bandwidth from its
operating frequency.
The frequency scan algorithm works by breaking the scan bandwidth (420 kHz) into three frequency bins
approximately 140 kHz wide and checking for transmit signal energy in each bin. Because the received signal
power can vary by large orders of magnitude depending on how close the transmitter is to the receiver, the
frequency algorithm may have to re-scan the frequency bins if the received power level saturates the receiver.
Three gain settings are used in the frequency scan algorithm denoted as high-, medium-, and low-gain.
The chip begins scanning the frequency in the highest receiver gain setting to find signals that have a receive
signal strength indicator (RSSI) level from sensitivity to about –70 dBm. If energy is detected in only one of these
frequency bands, it is double-checked again and deemed as the correct operating frequency band. Therefore, the
frequency scan algorithm takes at least two searches to find the correct frequency band. The scan time per
frequency bin search is equal to the threshold calculation window time as chosen by the RATIO and BT[1:0]
settings given in Table 11. Therefore, the best case frequency scan time is equal to two times the threshold
calculation window time.
In case the input signal is large while the gain is also large, the receiver could be overloaded; therefore, the
frequency scan algorithm follows a series of frequency and gain level settings based on measured RSSI as shown
in Figure 6. In the worst case, there are a total of nine frequency bin searches (three frequency bins times three
gain settings) plus one additional frequency re-scan because we don't know when the signal starts or for double
checking. Thus, the worst-case scan time is equal to 10 times the threshold calculation window time. Figure 6
shows the frequency scan algorithm broken into three frequency bins of 140 kHz and three gain settings.
Table 11. Threshold Calculation Window Times Based on RATIO and BT[1:0] Settings
RATIO
BT1
BT0
Threshold Calculation Window (ms)
00
0
7.500
00
1
3.750
01
0
1.500
01
1
0.750
1
0
0
13.750
10
1
6.875
11
0
2.750
11
1
1.375


Número de pieza similar - SI4312-B10-GMR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4312-B10-GM SILABS-SI4312-B10-GM Datasheet
204Kb / 22P
   315/433.92 MHZ OOK RECEIVER
More results

Descripción similar - SI4312-B10-GMR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4312 SILABS-SI4312 Datasheet
204Kb / 22P
   315/433.92 MHZ OOK RECEIVER
logo
List of Unclassifed Man...
CMT2210LW ETC2-CMT2210LW Datasheet
496Kb / 20P
   Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
logo
Princeton Technology Co...
PT4308 PTC-PT4308 Datasheet
336Kb / 4P
   Compact 433.92 MHz OOK/ASK Receiver
PT4306 PTC-PT4306 Datasheet
347Kb / 5P
   Compact 433.92 MHz OOK/ASK Receiver
logo
Silicon Laboratories
SI4311 SILABS-SI4311 Datasheet
168Kb / 20P
   315/433.92 MHZ FSK RECEIVER
logo
Princeton Technology Co...
PT4307 PTC-PT4307 Datasheet
343Kb / 5P
   Compact 315 MHz OOK/ASK Receiver
PT4305 PTC-PT4305 Datasheet
248Kb / 5P
   315 MHz / 433.92 MHz PLL Tuned Low Power FSK Receiver
logo
Murata Manufacturing Co...
DR5100 MURATA-DR5100 Datasheet
330Kb / 4P
   433.92 MHz Receiver Module
logo
RF Monolithics, Inc
RX5000 RFM-RX5000 Datasheet
103Kb / 11P
   433.92 MHz Hybrid Receiver
DR5100 RFM-DR5100 Datasheet
146Kb / 4P
   433.92 MHz Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com