Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


STD130GKXX Datasheet(Hoja de datos) 3 Page - Sirectifier Semiconductors

No. de Pieza. STD130GKXX
Descripción  Thyristor-Diode Modules
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SIRECTIFIER [Sirectifier Semiconductors]
Página de inicio  http://www.sirectifier.com
Logo 

   
 3 page
background image
Thyristor-Diode Modules
Fig. 2 i2t versus time (1-10 ms)
Fig. 2a Maximum forward current
at case temperature
Fig. 3 Power dissipation versus on-state current and ambient temperature
(per thyristor or diode)
Fig. 5 Three phase rectifier bridge: Power dissipation versus direct output current
and ambient temperature
Fig. 1 Surge overload current
I
TSM, IFSM: Crest value, t: duration
s
t
ms
t
0.001
0.01
0.1
1
0
1000
2000
3000
4000
11
0
104
105
106
A2s
I
TSM
A
i2t
TVJ = 45°C
TVJ = 125°C
80 % V
RRM
TVJ = 45°C
50 Hz
T
VJ = 125°C
Fig. 4 Gate trigger characteristics
Fig. 6 Gate trigger delay time
3 x STD/SDT130
STD116GKXX
P3
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com




Html Pages

1  2  3  4 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl