Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DRV401 Datasheet(PDF) 23 Page - Texas Instruments

No. de pieza DRV401
Descripción Electrónicos  Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DRV401 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DRV401_17 Datasheet HTML 19Page - Texas Instruments DRV401_17 Datasheet HTML 20Page - Texas Instruments DRV401_17 Datasheet HTML 21Page - Texas Instruments DRV401_17 Datasheet HTML 22Page - Texas Instruments DRV401_17 Datasheet HTML 23Page - Texas Instruments DRV401_17 Datasheet HTML 24Page - Texas Instruments DRV401_17 Datasheet HTML 25Page - Texas Instruments DRV401_17 Datasheet HTML 26Page - Texas Instruments DRV401_17 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
DRV401
SBVS070B − JUNE 2006 − REVISED MAY 2009
www.ti.com
23
The connection example in Figure 8 illustrates the few
external components required for optimal performance.
Each component is described in the following list:
IP is the primary current to be measured; K1 and K2
connect to the compensation coil. S1 and S2
connect to the magnetic field probe. The dots
indicate the winding direction on the sensor main
core.
R1 and R2 form the shunt resistor RSHUNT. This
resistance is split into two to allow for adjustments
to the required RSHUNT value. The accuracy and
temperature stability of these resistors are part of
the final system performance.
R3 and R4, together with C3 and C4, form a network
that reduces the remaining probe oscillator ripple in
the output signal. The component values depend
on the sensor type and are tailored for best results.
This network is not required for normal operation.
R5 is the dummy shunt (RD) resistor used to restore
the symmetry of both differential amplifier inputs.
R5 = 4
× RSHUNT, but the accuracy is less important.
R6 and R7 are pull-up resistors connected to the
logic outputs.
C1 and C2 are decoupling capacitors. Use low
ESR-type capacitors connected close to the pins.
Use low impedance printed circuit board (PCB)
traces, either avoiding vias (plated-through holes)
or using multiple vias. A combination of a large
(> 1
µF) and a small (< 4.7nF) capacitor are
suggested. When selecting capacitors, make sure
to consider the large pulse currents handled from
the DRV401.
D1 and D2 are protection diodes for the differential
amplifier input. They are only needed if the voltage
drop at RSHUNT exceeds 10V at the maximum
possible peak current.
LAYOUT CONSIDERATIONS
The DRV401 operates with relatively large currents and
fast
current
pulses,
and
offers
wide-bandwidth
performance. It is often exposed to large distortion energy
from
both
the
primary
signal
and
the
operating
environment. Therefore, the wiring layout must provide
shielding
and low-impedance connections between
critical points.
Use low ESR capacitors for power-supply decoupling. Use
a combination of a small capacitor and a large capacitor of
1
µF or larger. Use low-impedance tracks to connect the
capacitors to the pins.
Both grounds should be connected to a local ground plane.
Both supplies can be connected together; however, best
results are achieved with separate decoupling (to the local
GND plane) and ferrite beads in series with the main
supply. The ferrite beads decouple the DRV401, reducing
interaction with other circuits powered from the same
supply voltage source.
The
reference
output
is
referred
to
GND2.
A
low-impedance, star-type connection is required to avoid
the driver current and the probe current modulating the
voltage drop on the ground track.
The connection wires of the difference amplifier to the
shunt must be low resistance and of equal length. For best
accuracy, avoid current in this connection. Consider using
a Kelvin Contact-type connection. The required resistance
value can be set using two resistors.
Wires and PCB traces for S1 and S2 should be very close
or twisted. ICOMP1 and ICOMP2 should also be wired close
together. To avoid capacitive coupling, run a ground shield
between the S1/S2 and ICOMP wire pair or keep them
distant from each other.
The compensation driver outputs (ICOMP) are low
frequency only; however, the primary signal (with
high-frequency content present) is coupled into the
compensation winding, the shunt, and the difference
amplifier. Therefore, careful layout is recommended.
The output of REFOUT and VOUT can drive some capacitive
loads, but avoid large direct capacitive loads; these loads
increase internal pulse currents. Given the wide bandwidth
of the differential amplifier, isolate any large capacitive
load with a small series resistor. A small capacitor in the pF
range can improve the transient response on a high
resistive load.
The exposed thermal pad on the bottom of the package
must be soldered to GND because it is internally
connected to the substrate, which must be connected to
the most negative potential. It is also necessary to solder
the exposed pad to the PCB to provide structural integrity
and long-term reliability.


Número de pieza similar - DRV401_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
More results

Descripción similar - DRV401_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411AIPWP TI1-DRV411AIPWP Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV401-Q1 TI1-DRV401-Q1 Datasheet
812Kb / 39P
[Old version datasheet]   DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com