Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7392DP Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza SI7392DP
Descripción Electrónicos  N-Channel Reduced Qg, Fast Switching WFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7392DP Datasheet(HTML) 4 Page - Vishay Siliconix

  SI7392DP Datasheet HTML 1Page - Vishay Siliconix SI7392DP Datasheet HTML 2Page - Vishay Siliconix SI7392DP Datasheet HTML 3Page - Vishay Siliconix SI7392DP Datasheet HTML 4Page - Vishay Siliconix SI7392DP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si7392DP
Vishay Siliconix
www.vishay.com
4
Document Number: 72165
S-41427—Rev. D, 26-Jul-04
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
120
200
40
80
Single Pulse Power
Time (sec)
160
10−3
10−2
1
10
600
10−1
10−4
100
−0.8
−0.6
−0.4
−0.2
−0.0
0.2
0.4
0.6
−50
−25
0
25
50
75
100
125
150
ID = 250 mA
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Threshold Voltage
TJ − Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 125_C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
110
10−1
10−3
Safe Operating Area, Junction-to-Case
VDS − Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
100 ms
0.1
Limited by
rDS(on)
TC = 25_C
Single Pulse
1 s
10 s
dc
10 ms
1 ms
10−2


Número de pieza similar - SI7392DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7392ADP VISHAY-SI7392ADP Datasheet
234Kb / 3P
   N-Channel Reduced Qg, Fast Switching WFET
Rev. B, 26-Jun-06
More results

Descripción similar - SI7392DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4392DY VISHAY-SI4392DY Datasheet
55Kb / 5P
   N-Channel Reduced Qg, Fast Switching WFET
Rev. D, 26-Jul-04
SI7392ADP VISHAY-SI7392ADP Datasheet
234Kb / 3P
   N-Channel Reduced Qg, Fast Switching WFET
Rev. B, 26-Jun-06
SI4368DY VISHAY-SI4368DY Datasheet
70Kb / 5P
   N-Channel Reduced Qg, Fast Switching WFET
Rev. A, 02-Feb-04
SI4392DY VISHAY-SI4392DY_06 Datasheet
101Kb / 6P
   N-Channel Reduced Qg, Fast Switching WFET®
Rev. E, 12-Jun-06
SI4390DY VISHAY-SI4390DY Datasheet
44Kb / 5P
   N-Channel Qg, Fast Switching WFET
Rev. B, 19-May-03
SI4394DY VISHAY-SI4394DY Datasheet
70Kb / 5P
   N-Channel Reduced Qdg, Fast Switching WFET
Rev. A, 15-Mar-04
SI4860DY VISHAY-SI4860DY Datasheet
39Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFE
Rev. C, 14-Apr-03
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. E, 09-Feb-09
SI4872DY VISHAY-SI4872DY Datasheet
57Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. A, 17-Jul-00
SI4850EY VISHAY-SI4850EY Datasheet
61Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 29-Mar-04
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com