Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7846DP Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI7846DP
Descripción Electrónicos  N-Channel 150-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7846DP Datasheet(HTML) 3 Page - Vishay Siliconix

  SI7846DP Datasheet HTML 1Page - Vishay Siliconix SI7846DP Datasheet HTML 2Page - Vishay Siliconix SI7846DP Datasheet HTML 3Page - Vishay Siliconix SI7846DP Datasheet HTML 4Page - Vishay Siliconix SI7846DP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si7846DP
Vishay Siliconix
Document Number: 71442
S-31728—Rev. B, 18-Aug-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
500
1000
1500
2000
2500
3000
0
30
60
90
120
150
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
150
0
4
8
12
16
20
0
15304560
0.00
0.02
0.04
0.06
0.08
0.10
0
10203040
50
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 75 V
ID = 5 A
ID - Drain Current (A)
VGS = 10 V
ID = 5 A
Gate Charge
On-Resistance vs. Drain Current
Qg - Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (_C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.03
0.06
0.09
0.12
0.15
0
2468
10
TJ = 150_C
TJ = 25_C
ID = 5 A
50
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
VGS = 10 V


Número de pieza similar - SI7846DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7846DP VISHAY-SI7846DP Datasheet
148Kb / 8P
   N-Channel 150-V (D-S) MOSFET
Rev. F, 06-Apr-09
SI7846DP VISHAY-SI7846DP Datasheet
299Kb / 12P
   N-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7846DP-T1-E3 VISHAY-SI7846DP-T1-E3 Datasheet
148Kb / 8P
   N-Channel 150-V (D-S) MOSFET
Rev. F, 06-Apr-09
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
   N-Channel 150-V (D-S) MOSFET
Rev. F, 06-Apr-09
SI7846DP VISHAY-SI7846DP_V01 Datasheet
299Kb / 12P
   N-Channel 150-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI7846DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
   N-Channel 150 V (D-S) MOSFET
Rev. B, 30-Sep-13
logo
Analog Power
AM20N15-250B ANALOGPOWER-AM20N15-250B Datasheet
369Kb / 5P
   N-Channel 150-V (D-S) MOSFET
AM90N15-16B ANALOGPOWER-AM90N15-16B Datasheet
332Kb / 5P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SIR622DP VISHAY-SIR622DP Datasheet
422Kb / 13P
   N-Channel 150 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
   N-Channel 150-V (D-S) MOSFET
Rev. F, 06-Apr-09
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 26-May-03
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM1158N VBSEMI-VBM1158N Datasheet
658Kb / 8P
   N-Channel 150 V (D-S) MOSFET
15T15GH-HF VBSEMI-15T15GH-HF Datasheet
1Mb / 9P
   N-Channel 150 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com