Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AVC8T245PWRE4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AVC8T245PWRE4
Descripción Electrónicos  8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC8T245PWRE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AVC8T245PWRE4 Datasheet HTML 4Page - Texas Instruments SN74AVC8T245PWRE4 Datasheet HTML 5Page - Texas Instruments SN74AVC8T245PWRE4 Datasheet HTML 6Page - Texas Instruments SN74AVC8T245PWRE4 Datasheet HTML 7Page - Texas Instruments SN74AVC8T245PWRE4 Datasheet HTML 8Page - Texas Instruments SN74AVC8T245PWRE4 Datasheet HTML 9Page - Texas Instruments SN74AVC8T245PWRE4 Datasheet HTML 10Page - Texas Instruments SN74AVC8T245PWRE4 Datasheet HTML 11Page - Texas Instruments SN74AVC8T245PWRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
SN74AVC8T245
SCES517J – DECEMBER 2003 – REVISED MARCH 2017
www.ti.com
Product Folder Links: SN74AVC8T245
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
Switching Characteristics, VCCA = 1.5 V ± 0.1 V (continued)
over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (see Figure 10)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB
TA = –40°C to +85°C
TA = –40°C to +125°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
tPZH, tPZL
OE
A
VCCB = 1.2 V
3.7
5.3
ns
VCCB = 1.5 V ± 0.1 V
1.1
8.7
0.5
20.5
VCCB = 1.8 V ± 0.15 V
1.1
8.7
0.5
20.5
VCCB = 2.5 V ± 0.2 V
1.1
8.7
0.5
20.5
VCCB = 3.3 V ± 0.3 V
1.1
8.7
0.5
20.5
tPZH, tPZL
OE
B
VCCB = 1.2 V
4.8
5.1
ns
VCCB = 1.5 V ± 0.1 V
1.1
7.6
0.5
18.6
VCCB = 1.8 V ± 0.15 V
1.1
7.1
0.5
17.7
VCCB = 2.5 V ± 0.2 V
1
5.6
0.5
15.1
VCCB = 3.3 V ± 0.3 V
1
5.2
0.5
14.4
tPHZ, tPLZ
OE
A
VCCB = 1.2 V
3.1
4.8
ns
VCCB = 1.5 V ± 0.1 V
0.5
8.6
0.5
20.3
VCCB = 1.8 V ± 0.15 V
0.5
8.6
0.5
20.3
VCCB = 2.5 V ± 0.2 V
0.5
8.6
0.5
20.3
VCCB = 3.3 V ± 0.3 V
0.5
8.6
0.5
20.3
tPHZ, tPLZ
OE
B
VCCB = 1.2 V
4.1
4.7
ns
VCCB = 1.5 V ± 0.1 V
0.5
8.4
0.5
20
VCCB = 1.8 V ± 0.15 V
0.5
7.6
0.5
18.6
VCCB = 2.5 V ± 0.2 V
0.5
7.2
0.5
17.9
VCCB = 3.3 V ± 0.3 V
0.5
7.8
0.5
18.9
6.8 Switching Characteristics, VCCA = 1.8 V ± 0.15 V
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (see Figure 10)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB
TA = –40°C to +85°C
TA = –40°C to +125°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
tPLH, tPHL
A
B
VCCB = 1.2 V
2.5
2.5
ns
VCCB = 1.5 V ± 0.1 V
0.5
5.1
0.5
14.2
VCCB = 1.8 V ± 0.15 V
0.5
4.4
0.5
13
VCCB = 2.5 V ± 0.2 V
0.5
4
0.5
12.3
VCCB = 3.3 V ± 0.3 V
0.5
3.9
0.5
12.1
tPLH, tPHL
B
A
VCCB = 1.2 V
2.5
2.5
ns
VCCB = 1.5 V ± 0.1 V
0.5
4.6
0.5
13.3
VCCB = 1.8 V ± 0.15 V
0.5
4.4
0.5
13
VCCB = 2.5 V ± 0.2 V
0.5
3.9
0.5
12.1
VCCB = 3.3 V ± 0.3 V
0.5
3.7
0.5
11.8
tPZH, tPZL
OE
A
VCCB = 1.2 V
3
3
ns
VCCB = 1.5 V ± 0.1 V
1
6.8
0.5
17.2
VCCB = 1.8 V ± 0.15 V
1
6.8
0.5
17.2
VCCB = 2.5 V ± 0.2 V
1
6.8
0.5
17.2
VCCB = 3.3 V ± 0.3 V
1
6.8
0.5
17.2


Número de pieza similar - SN74AVC8T245PWRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVC8T245PWRE4 TI-SN74AVC8T245PWRE4 Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245PWRE4 TI-SN74AVC8T245PWRE4 Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Descripción similar - SN74AVC8T245PWRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI-SN74AVC8T245_10 Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245_101 TI-SN74LVCH8T245_101 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245_10 Datasheet
906Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245-Q1 TI1-SN74AVC8T245-Q1 Datasheet
681Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC245DB TI-SN74LVC245DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com