Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AVC8T245-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AVC8T245-Q1
Descripción Electrónicos  8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC8T245-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AVC8T245-Q1 Datasheet HTML 6Page - Texas Instruments SN74AVC8T245-Q1 Datasheet HTML 7Page - Texas Instruments SN74AVC8T245-Q1 Datasheet HTML 8Page - Texas Instruments SN74AVC8T245-Q1 Datasheet HTML 9Page - Texas Instruments SN74AVC8T245-Q1 Datasheet HTML 10Page - Texas Instruments SN74AVC8T245-Q1 Datasheet HTML 11Page - Texas Instruments SN74AVC8T245-Q1 Datasheet HTML 12Page - Texas Instruments SN74AVC8T245-Q1 Datasheet HTML 13Page - Texas Instruments SN74AVC8T245-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
SN74AVC8T245
SCES517J – DECEMBER 2003 – REVISED MARCH 2017
www.ti.com
Product Folder Links: SN74AVC8T245
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
Switching Characteristics, VCCA = 2.5 V ± 0.2 V (continued)
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (see Figure 10)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB
TA = –40°C to +85°C
TA = –40°C to +125°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
tPHZ, tPLZ
OE
A
VCCB = 1.2 V
1.8
1.8
ns
VCCB = 1.5 V ± 0.1 V
0.5
5.1
0.5
14.2
VCCB = 1.8 V ± 0.15 V
0.5
5.1
0.5
14.2
VCCB = 2.5 V ± 0.2 V
0.5
5.1
0.5
14.2
VCCB = 3.3 V ± 0.3 V
0.5
5.1
0.5
14.2
tPHZ, tPLZ
OE
B
VCCB = 1.2 V
3.6
3.6
ns
VCCB = 1.5 V ± 0.1 V
0.5
7.1
0.5
17.7
VCCB = 1.8 V ± 0.15 V
0.5
6.3
0.5
16.3
VCCB = 2.5 V ± 0.2 V
0.5
5.1
0.5
14.2
VCCB = 3.3 V ± 0.3 V
0.5
3.9
0.5
12.1
6.10 Switching Characteristics, VCCA = 3.3 V ± 0.3 V
over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (see Figure 10)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB
TA = –40°C to +85°C
TA = –40°C to +125°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
tPLH, tPHL
A
B
VCCB = 1.2 V
2.3
2.3
ns
VCCB = 1.5 V ± 0.1 V
0.5
4.5
0.5
13.2
VCCB = 1.8
V ± 0.15 V
tPLH
0.5
3.7
0.5
11.1
tPHL
0.5
3.3
0.5
11.1
VCCB = 2.5 V ± 0.2 V
0.5
2.9
0.5
10.4
VCCB = 3.3 V ± 0.3 V
0.5
2.5
0.5
9.7
tPLH, tPHL
B
A
VCCB = 1.2 V
3.5
3.5
ns
VCCB = 1.5 V ± 0.1 V
0.5
6.8
0.5
17.2
VCCB = 1.8 V ± 0.15 V
0.5
3.9
0.5
12.1
VCCB = 2.5 V ± 0.2 V
0.5
2.8
0.5
10.2
VCCB = 3.3 V ± 0.3 V
0.5
2.5
0.5
9.7
tPZH, tPZL
OE
A
VCCB = 1.2 V
2
2
ns
VCCB = 1.5 V ± 0.1 V
0.5
4
0.5
12.3
VCCB = 1.8 V ± 0.15 V
0.5
4
0.5
12.3
VCCB = 2.5 V ± 0.2 V
0.5
4
0.5
12.3
VCCB = 3.3 V ± 0.3 V
0.5
4
0.5
12.3
tPZH, tPZL
OE
B
VCCB = 1.2 V
4.5
4.5
ns
VCCB = 1.5 V ± 0.1 V
1.1
7.8
0.5
18.9
VCCB = 1.8 V ± 0.15 V
0.5
6.2
0.5
16.1
VCCB = 2.5 V ± 0.2 V
0.5
4.5
0.5
13.2
VCCB = 3.3 V ± 0.3 V
0.5
3.9
0.5
12.3
tPHZ, tPLZ
OE
A
VCCB = 1.2 V
1.7
1.7
ns
VCCB = 1.5 V ± 0.1 V
0.5
4
0.5
12.3
VCCB = 1.8 V ± 0.15 V
0.5
4
0.5
12.3
VCCB = 2.5 V ± 0.2 V
0.5
4
0.5
12.3
VCCB = 3.3 V ± 0.3 V
0.5
4
0.5
12.3


Número de pieza similar - SN74AVC8T245-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVC8T245-Q1 TI1-SN74AVC8T245-Q1 Datasheet
681Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Descripción similar - SN74AVC8T245-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI-SN74AVC8T245_10 Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245_101 TI-SN74LVCH8T245_101 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245_10 Datasheet
906Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245-Q1 TI1-SN74AVC8T245-Q1 Datasheet
681Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC245DB TI-SN74LVC245DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com