Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5262B Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

No. de pieza SM5262B
Descripción Electrónicos  3 RF ENCODER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5262B Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

Back Button SM5262B Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5262B Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5262B Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5262B Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5262B Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5262B Datasheet HTML 8Page - SamHop Microelectronics Corp. SM5262B Datasheet HTML 9Page - SamHop Microelectronics Corp. SM5262B Datasheet HTML 10Page - SamHop Microelectronics Corp. SM5262B Datasheet HTML 11Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Page 7
OCT. 2001
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
Conditions
VDD - Vss = 12 V
Ratings
-0.3 ~ 16
Vss - 0.3 ~ VDD +0.3
-20 ~ 70
-40 ~ 125
Vss - 0.3 ~ VDD +0.3
500
Unit
V
V
V
mW
Parameter
Supply Voltage
Input Voltage
Operating Temperature
Storage Temperature
Output Voltage
Maximum power dissipation
Symbol
VDD - Vss
VI - Vss
Topr
Tstg
VO - Vss
Pa
Parameter
Conditions
Unit
Limit
Symbol
Min.
Typ. Max.
Supply Voltage
V
VCC
2.5
12
Output Drive Current (Dout)
VDD = 5V
VOH = 4V
VDD = 8V
VOH = 6.4V
VDD = 12V VOH = 9.6V
mA
IOH
- 2
- 8
-16
Output Sinking Current (Dout)
VDD = 5V
VOL = 1V
VDD = 8V
VOL = 1.6V
VDD = 12V VOL = 2.4V
mA
IOL
7
16
29
Standby Current
VDD=12V OSC stop
AO - A11 open
ISTB
μA
0.02
0.3
SM5262B
312 RF ENCODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


Número de pieza similar - SM5262B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
   Rectifier Diodes
logo
AiT Semiconductor Inc.
SM5200A AITSEMI-SM5200A Datasheet
486Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
SeCoS Halbleitertechnol...
SM5200AF SECOS-SM5200AF Datasheet
242Kb / 2P
   20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SM5200AF FS-SM5200AF Datasheet
215Kb / 3P
   5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 150 to 200 Volts Forward Current 5.0 Amperes
logo
AiT Semiconductor Inc.
SM5200AF AITSEMI-SM5200AF Datasheet
416Kb / 5P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV1.0
More results

Descripción similar - SM5262B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
SM5172 SAMHOP-SM5172 Datasheet
52Kb / 12P
   3 RF ENCODER
SM5028 SAMHOP-SM5028 Datasheet
45Kb / 8P
   RF ENCODER
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A Datasheet
1Mb / 10P
   Learning RF Encoder
logo
ELAN Microelectronics C...
EM83110A EMC-EM83110A Datasheet
167Kb / 16P
   RF KEYBOARD ENCODER
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A_14 Datasheet
1Mb / 9P
   Learning RF Encoder
logo
ELAN Microelectronics C...
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
   RF KEYBOARD ENCODER
EKK6511 EMC-EKK6511 Datasheet
161Kb / 14P
   RF Keyboard Encoder
logo
List of Unclassifed Man...
M5E ETC1-M5E Datasheet
191Kb / 8P
   3 STATES ENCODER
M318E ETC2-M318E Datasheet
142Kb / 5P
   3 STATES ENCODER
M3EB ETC2-M3EB Datasheet
89Kb / 7P
   3 STATES ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com