Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM5262BS Datasheet(PDF) 3 Page - SamHop Microelectronics Corp. |
|
SM5262BS Datasheet(HTML) 3 Page - SamHop Microelectronics Corp. |
3 / 12 page Page 3 OCT. 2001 PIN FUNCTION No. 1 2 3 4 5 6 7 Pin Name A0 A1 A2 A3 A4 A5 A6/D5 I/O I I I I I I I/O Function Operation Address input, each pin can be set to "0", "1" , or floating. Address input or data output. Negative power supply. Address input or data output. 8 9 10 A7/D4 VSS A8/D3 I/O POWER I/O 11 12 A9/D2 A10/D1 I/O I/O 13 A11/D0 I/O 14 15 OSC1 I Resistor connected between these two pins determine the system clock. 16 OSC2 O 17 Dout O Serial output of encoded signals. 18 VDD POWER Positive power supply. TE I Enables transmission. LED O LED Output. SM5262B 312 RF ENCODER SAMHOP Microelectronics Corp. 三合微科股份有限公司 |
Número de pieza similar - SM5262BS |
|
Descripción similar - SM5262BS |