Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD840DN40 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STD840DN40
Descripción Electrónicos  Dual NPN high voltage transistors in a single package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD840DN40 Datasheet(HTML) 3 Page - STMicroelectronics

  STD840DN40 Datasheet HTML 1Page - STMicroelectronics STD840DN40 Datasheet HTML 2Page - STMicroelectronics STD840DN40 Datasheet HTML 3Page - STMicroelectronics STD840DN40 Datasheet HTML 4Page - STMicroelectronics STD840DN40 Datasheet HTML 5Page - STMicroelectronics STD840DN40 Datasheet HTML 6Page - STMicroelectronics STD840DN40 Datasheet HTML 7Page - STMicroelectronics STD840DN40 Datasheet HTML 8Page - STMicroelectronics STD840DN40 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STD840DN40
Electrical characteristics
Doc ID 16796 Rev 3
3/9
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off
current (VBE = 0)
VCE = 700 V
VCE = 700 V Tc = 125 °C
100
500
µA
µA
ICEO
Collector cut-off
current (IB = 0)
VCE = 400 V
250
µA
V(BR)EBO
Emitter-base
breakdown voltage
(IC = 0)
IE = 10 mA
9
18
V
VCEO(sus)
(1)
Collector-emitter
sustaining voltage
(IB = 0)
IC = 10 mA
400
V
VCE(sat)
(1)
1.
Pulse test: pulse duration
≤300 µs, duty cycle ≤ 2 %.
Collector-emitter
saturation voltage
IC = 1 A
IB = 0.2 A
IC = 2 A
IB = 0.4 A
0.5
1
V
V
VBE(sat)
(1)
Base-emitter
saturation voltage
IC = 1 A
IB = 0.2 A
IC = 2 A
IB = 0.4 A
1.2
1.3
V
V
hFE
(1)
DC current gain
IC = 10 mA
VCE = 5 V
IC = 2 A
VCE = 5 V
10
824
VF
Diode forward voltage
IF = 1 A
2.5
V
ts
tf
Resistive load
Storage time
Fall time
IC = 1 A
IB1 = - IB2 = 0.2 A
VCC = 125 V
tp = 20 µs
2.5
0.2
µs
µs


Número de pieza similar - STD840DN40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Visual Communications C...
STD840BLK VCC-STD840BLK Datasheet
67Kb / 1P
   STD
More results

Descripción similar - STD840DN40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD845DN40 STMICROELECTRONICS-STD845DN40 Datasheet
135Kb / 10P
   Dual NPN high voltage transistors in a single package
October 2012 Rev 3
logo
Seme LAB
2N2919 SEME-LAB-2N2919 Datasheet
28Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
2N2913 SEME-LAB-2N2913 Datasheet
29Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
logo
New Jersey Semi-Conduct...
2N2920 NJSEMI-2N2920 Datasheet
86Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
logo
Seme LAB
2N2914 SEME-LAB-2N2914 Datasheet
28Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
2N2920 SEME-LAB-2N2920 Datasheet
19Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
2N2919 SEME-LAB-2N2919_02 Datasheet
45Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
logo
New Jersey Semi-Conduct...
2N2914 NJSEMI-2N2914 Datasheet
212Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
2N2915 NJSEMI-2N2915 Datasheet
92Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
2N2918 NJSEMI-2N2918 Datasheet
212Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com