Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STGFW30NC60V Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STGFW30NC60V
Descripción Electrónicos  30 A - 600 V - very fast IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW30NC60V Datasheet(HTML) 1 Page - STMicroelectronics

  STGFW30NC60V Datasheet HTML 1Page - STMicroelectronics STGFW30NC60V Datasheet HTML 2Page - STMicroelectronics STGFW30NC60V Datasheet HTML 3Page - STMicroelectronics STGFW30NC60V Datasheet HTML 4Page - STMicroelectronics STGFW30NC60V Datasheet HTML 5Page - STMicroelectronics STGFW30NC60V Datasheet HTML 6Page - STMicroelectronics STGFW30NC60V Datasheet HTML 7Page - STMicroelectronics STGFW30NC60V Datasheet HTML 8Page - STMicroelectronics STGFW30NC60V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
April 2012
Doc ID 023105 Rev 1
1/13
13
STGFW30NC60V
30 A - 600 V - very fast IGBT
Datasheet
production data
Features
High frequency operation up to 50 kHz
Lower CRES / CIES ratio (no cross-conduction
susceptibility)
High current capability
Applications
High frequency inverters
UPS, motor drivers
HF, SMPS and PFC in both hard switch and
resonant topologies
Description
This device is a very fast IGBT developed using
advanced PowerMESH™ technology. This
process guarantees an excellent trade-off
between switching performance and low on-state
behavior. This device is well-suited for resonant or
soft-switching applications.
Figure 1.
Internal schematic diagram
TO3-PF
1
1
1
1
2
3
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STGFW30NC60V
GFW30NC60V
TO3-PF
Tube
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Número de pieza similar - STGFW30NC60V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGFW30H65FB STMICROELECTRONICS-STGFW30H65FB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 650 V, 30 A high speed
July 2015 Rev 5
STGFW30V60DF STMICROELECTRONICS-STGFW30V60DF Datasheet
1Mb / 15P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
March 2014 Rev 1
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
April 2014 Rev 4
More results

Descripción similar - STGFW30NC60V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V_V01 Datasheet
469Kb / 20P
   30 A - 600 V - very fast IGBT
Rev 6 June 2015
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
511Kb / 18P
   19 A - 600 V - very fast IGBT
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
   40 A - 600 V - very fast IGBT
STGP19NC60H STMICROELECTRONICS-STGP19NC60H Datasheet
318Kb / 14P
   19 A - 600 V - very fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com