Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STGW45HF60WD Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STGW45HF60WD
Descripción Electrónicos  45 A, 600 V ultra fast IGBT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW45HF60WD Datasheet(HTML) 3 Page - STMicroelectronics

  STGW45HF60WD Datasheet HTML 1Page - STMicroelectronics STGW45HF60WD Datasheet HTML 2Page - STMicroelectronics STGW45HF60WD Datasheet HTML 3Page - STMicroelectronics STGW45HF60WD Datasheet HTML 4Page - STMicroelectronics STGW45HF60WD Datasheet HTML 5Page - STMicroelectronics STGW45HF60WD Datasheet HTML 6Page - STMicroelectronics STGW45HF60WD Datasheet HTML 7Page - STMicroelectronics STGW45HF60WD Datasheet HTML 8Page - STMicroelectronics STGW45HF60WD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STGW45HF60WD
Electrical characteristics
Doc ID 15593 Rev 3
3/12
2
Electrical characteristics
(TJ = 25 °C unless otherwise specified)
Table 4.
Static
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
V(BR)CES
Collector-emitter
breakdown voltage
(VGE = 0)
IC = 1 mA
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC= 30 A
VGE = 15V, IC = 30 A,TJ= 125 °C
1.65
2.5
V
V
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1 mA
3.75
5.75
V
ICES
Collector cut-off current
(VGE = 0)
VCE = 600 V
VCE = 600 V, TJ = 125 °C
500
5
µA
mA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ±20 V
± 100
nA
Table 5.
VCE(sat) classification
Symbol
Parameter
Group
Value
Unit
Min.
Max.
VCE(sat)
Collector-emitter saturation voltage
VGE = 15 V, IC= 30 A
A1.68
1.92
V
B1.88
2.17
C2.13
2.50
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
-
2900
260
55
-
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 400 V, IC = 30 A,
VGE = 15 V,
Figure 17
-
160
17
65
-
nC
nC
nC


Número de pieza similar - STGW45HF60WD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGW45HF60WDI STMICROELECTRONICS-STGW45HF60WDI Datasheet
499Kb / 16P
   45 A, 600 V ultra fast IGBT with low drop diode
More results

Descripción similar - STGW45HF60WD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGW45NC60WD STMICROELECTRONICS-STGW45NC60WD Datasheet
336Kb / 14P
   45 A - 600 V ultra fast IGBT
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
STGW45HF60WDI STMICROELECTRONICS-STGW45HF60WDI Datasheet
499Kb / 16P
   45 A, 600 V ultra fast IGBT with low drop diode
STGW35NC60WD STMICROELECTRONICS-STGW35NC60WD Datasheet
554Kb / 14P
   40 A, 600 V ultra fast IGBT
November 2008 Rev 2
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
   40 A - 600 V - ultra fast IGBT
STGD3HF60WD STMICROELECTRONICS-STGD3HF60WD Datasheet
228Kb / 10P
   3 A, 600 V ultra fast IGBT
October 2009
STGW35HF60WD STMICROELECTRONICS-STGW35HF60WD Datasheet
455Kb / 12P
   35 A, 600 V ultra fast IGBT
STGB30NC60W STMICROELECTRONICS-STGB30NC60W Datasheet
461Kb / 16P
   30 A - 600 V - ultra fast IGBT
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD_V01 Datasheet
545Kb / 14P
   30 A, 600 V ultra fast IGBT
Rev 5 November 2008
STGW40NC60W STMICROELECTRONICS-STGW40NC60W Datasheet
338Kb / 13P
   40 A - 600 V - ultra fast IGBT
July 2008 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com