Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN75LVDS83B Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN75LVDS83B
Descripción Electrónicos  FlatLink Transmitter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVDS83B Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75LVDS83B Datasheet HTML 2Page - Texas Instruments SN75LVDS83B Datasheet HTML 3Page - Texas Instruments SN75LVDS83B Datasheet HTML 4Page - Texas Instruments SN75LVDS83B Datasheet HTML 5Page - Texas Instruments SN75LVDS83B Datasheet HTML 6Page - Texas Instruments SN75LVDS83B Datasheet HTML 7Page - Texas Instruments SN75LVDS83B Datasheet HTML 8Page - Texas Instruments SN75LVDS83B Datasheet HTML 9Page - Texas Instruments SN75LVDS83B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
SN75LVDS83B
SLLS846C – MAY 2009 – REVISED AUGUST 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Supply voltage range, VCC, IOVCC, LVDSVCC, PLLVCC(2)
–0.5
4
V
Voltage range at any output terminal
–0.5
VCC + 0.5
V
Voltage range at any input terminal
–0.5
IOVCC + 0.5
V
Continuous power dissipation
See Dissipation Ratings
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
All voltages are with respect to the GND terminals.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human Body Model (HBM)(1) all pins
5
kV
V(ESD)
Electrostatic discharge
Charged Device Model (CDM)(2) all pins
500
V
Machine Model (MM)(3) all pins
150
(1)
In accordance with JEDEC Standard 22, Test Method A114-A.
(2)
In accordance with JEDEC Standard 22, Test Method C101.
(3)
In accordance with JEDEC Standard 22, Test Method A115-A.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
LVDS output Supply voltage, LVDSVCC
3
3.3
3.6
PLL analog supply voltage, PLLVCC
3
3.3
3.6
V
IO input reference supply voltage, IOVCC
1.62
1.8 / 2.5 / 3.3
3.6
Power supply noise on any VCC terminal
0.1
IOVCC = 1.8 V
IOVCC/2 + 0.3 V
High-level input voltage, VIH
IOVCC = 2.5 V
IOVCC/2 + 0.4 V
V
IOVCC = 3.3 V
IOVCC/2 + 0.5 V
IOVCC = 1.8 V
IOVCC/2 - 0.3 V
Low-level input voltage, VIL
IOVCC = 2.5 V
IOVCC/2 - 0.4 V
V
IOVCC = 3.3 V
IOVCC/2 - 0.5 V
Differential load impedance, ZL
90
132
Operating free-air temperature, TA
–10
70
C
6
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: SN75LVDS83B


Número de pieza similar - SN75LVDS83B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN75LVDS83B TI-SN75LVDS83B Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83BDGG TI-SN75LVDS83BDGG Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83BDGGR TI-SN75LVDS83BDGGR Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83BZQLR TI-SN75LVDS83BZQLR Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
More results

Descripción similar - SN75LVDS83B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN65LVDS93A-Q1 TI1-SN65LVDS93A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS84AQ-Q1 TI1-SN65LVDS84AQ-Q1 Datasheet
223Kb / 15P
[Old version datasheet]   FlatLink??TRANSMITTER
SN65LVDS93A TI-SN65LVDS93A Datasheet
686Kb / 25P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C_17 Datasheet
1Mb / 29P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C Datasheet
854Kb / 26P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83DGGR TI-SN75LVDS83DGGR Datasheet
701Kb / 21P
[Old version datasheet]   FlatLink TRANSMITTER
SN75LVDS83A TI1-SN75LVDS83A Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83B TI-SN75LVDS83B Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS84A TI-SN75LVDS84A_07 Datasheet
243Kb / 16P
[Old version datasheet]   FLATLINK TRANSMITTER
SN65LVDS84A TI1-SN65LVDS84A Datasheet
546Kb / 17P
[Old version datasheet]   FLATLINK田?TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com