Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC5682Z Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza DAC5682Z
Descripción Electrónicos  16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5682Z Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC5682Z_17 Datasheet HTML 7Page - Texas Instruments DAC5682Z_17 Datasheet HTML 8Page - Texas Instruments DAC5682Z_17 Datasheet HTML 9Page - Texas Instruments DAC5682Z_17 Datasheet HTML 10Page - Texas Instruments DAC5682Z_17 Datasheet HTML 11Page - Texas Instruments DAC5682Z_17 Datasheet HTML 12Page - Texas Instruments DAC5682Z_17 Datasheet HTML 13Page - Texas Instruments DAC5682Z_17 Datasheet HTML 14Page - Texas Instruments DAC5682Z_17 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
DAC5682Z
www.ti.com
SLLS853F – AUGUST 2007 – REVISED JANUARY 2015
Electrical Characteristics — AC Specification
(1) (continued)
Over recommended operating free-air temperature range, AVDD, IOVDD = 3.3 V, CLKVDD, DVDD = 1.8 V, IOUTFS = 20 mA,
4:1 transformer output termination, 50
Ω doubly terminated load (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
1X1, PLL off, CLKIN = 500 MHz, DACA on, IF = 5.1 MHz,
81
First Nyquist Zone < fDATA/2
Spurious free dynamic
2X2, PLL off, CLKIN = 1000 MHz, DACA and DACB on,
SFDR
80
dBc
range
IF = 5.1 MHz, First Nyquist Zone < fDATA/2
2X2, PLL off, CLKIN = 1000 MHz, DACA and DACB on,
77
IF = 20.1 MHz, First Nyquist Zone < fDATA/2
2X2, PLL off, CLKIN = 500 MHZ, DACA and DACB on, Single
75
tone, 0 dBFS, IF = 20.1 MHz
2X2, PLL off, CLKIN = 1000 MHZ, DACA and DACB on, Single
70
tone, 0 dBFS, IF = 20.1 MHz
2X2, PLL off, CLKIN = 1000 MHZ, DACA and DACB on, Single
66
tone, 0 dBFS, IF = 70.1 MHz
SNR
Signal-to-noise ratio
dBc
2X4, PLL off, CLKIN = 1000 MHZ, DACA and DACB on, Single
60
tone, 0 dBFS, IF = 180 MHz
2X2 CMIX, PLL off, CLKIN = 1000 MHZ, DACA and DACB on,
60
Single tone, 0 dBFS, IF = 300.2 MHz
2X2, PLL off, CLKIN = 1000 MHZ, DACA and DACB on, Four
73
tone, each -12 dBFS, IF = 24.7, 24.9, 25.1 and 25.3 MHz
2X2, PLL off, CLKIN = 1000 MHZ, DACA and DACB on,
88
IF = 20.1 and 21.1 MHz
Third-order two-tone
2X2, PLL off, CLKIN = 1000 MHZ, DACA and DACB on,
IMD3
intermodulation
75
dBc
IF = 70.1 and 71.1 MHz
(each tone at –6 dBFS)
2X2 CMIX, PLL off, CLKIN = 1000 MHZ, DACA and DACB on,
67
IF = 150.1 and 151.1 MHz
Four-tone intermodulation
2X2 CMIX, PLL off, CLKIN = 1000 MHz, DACA and DACB on,
IMD
64
dBc
(each tone at –12 dBFS)
fOUT = 298.4, 299.2, 300.8 and 301.6 MHz
Single carrier, baseband, 2X2, PLL off, CLKIN = 983.04 MHz,
80
83
DACA and DACB on
Single carrier, IF = 180 MHz, 2X2, PLL off,
73
CLKIN = 983.04 MHz, DACA and DACB on
Adjacent channel leakage
ACLR(2)
dBc
ratio
Four carrier, IF = 180 MHz, 2X2 CMIX, PLL off,
68
CLKIN = 983.04 MHz, DACA and DACB on
Four carrier, IF = 275 MHz, 2X2 CMIX, PLL off,
66
CLKIN = 983.04 MHz, DACA and DACB on
50-MHz offset, 1-MHz BW, Single Carrier, baseband, 2X2, PLL
93
off, CLKIN = 983.04
Noise floor(3)
dBc
50-MHz offset, 1-MHz BW, Four Carrier, baseband, 2X2, PLL off,
85
CLKIN = 983.04.
(2)
W-CDMA with 3.84 MHz BW, 5-MHz spacing, centered at IF. TESTMODEL 1, 10 ms
(3)
Carrier power measured in 3.84 MHz BW.
7.7
Electrical Characteristics (Digital Specifications)
over recommended operating free-air temperature range, AVDD, IOVDD = 3.3 V, CLKVDD, DVDD = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVDS INTERFACE: D[15:0]P/N, SYNCP/N, DCLKP/N(1)
Logic high differential
VA,B+
175
mV
input voltage threshold
Logic low differential input
VA,B–
–175
mV
voltage threshold
VCOM1
Input Common Mode
SYNCP/N, D[15:0]P/N only
1.0
V
(1)
See LVDS Inputs for terminology.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DAC5682Z


Número de pieza similar - DAC5682Z_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5682Z TI-DAC5682Z_15 Datasheet
3Mb / 66P
[Old version datasheet]   DAC5682Z 16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
More results

Descripción similar - DAC5682Z_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5682Z TI-DAC5682Z_09 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z_15 Datasheet
3Mb / 66P
[Old version datasheet]   DAC5682Z 16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com