Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMV321IDCKR Datasheet(PDF) 8 Page - Texas Instruments |
|
|
LMV321IDCKR Datasheet(HTML) 8 Page - Texas Instruments |
8 / 48 page 10 100 1000 10000 1.5 1 0.5 0 −0.5 −1 −1.5 −2 LMV3xx (25% Overshoot) LMV324S (25% Overshoot) VCC = ±2.5 V AV = +1 RL = 2 k VO = 100 mVPP Output Voltage − V _ + VI −2.5 V RL 2.5 V VO CL 80 70 60 50 40 30 20 10 0 −10 120 105 90 75 60 45 30 15 0 −15 Vs = 5.0 V RL = 2 k Frequency − Hz Gain Phase 85 C ° 25 C ° −40 C ° 85 C ° 25 C ° −40 C ° 1 k 10 k 100 k 1 M 10 M 10 k 100 k 1 M 10 M 70 60 50 40 30 20 10 0 −10 −30 100 80 60 40 20 0 −20 −40 −60 −80 −20 −100 Frequency − Hz Gain Phase 0 pF 100 pF 500 pF 0 pF 1000 pF 500 pF 100 pF Vs = 5.0 V RL = 100 k CL = 0 pF 100 pF 500 pF 1000 pF 1000 pF 10 k 100 k 1 M 10 M 70 60 50 40 30 20 10 0 −10 −30 100 80 60 40 20 0 −20 −40 −60 −80 −20 −100 Frequency − Hz Gain Phase 0 pF 100 pF 500 pF 1000 pF 0 pF 100 pF 500 pF 1000 pF Vs = 5.0 V RL = 600 CL = 0 pF 100 pF 500 pF 1000 pF 1 k 10 k 100 k 1 M 10 M 80 70 60 50 40 30 20 10 0 −10 120 105 90 75 60 45 30 15 0 −15 Vs = 5.0 V RL = 100 k ,2 k , 600 Frequency − Hz Gain Phase 100 k 2 k 600 600 100 k 2 k 80 70 60 50 40 30 20 10 0 −10 120 105 90 75 60 45 30 15 0 −15 1 k 10 k 100 k 1 M 10 M Vs = 2.7 V RL = 100 k , 2 k , 600 Frequency − Hz Gain Phase 600 100 k 2 k 600 2 k 100 k LMV358, LMV321, LMV324, LMV324S SLOS263W – AUGUST 1999 – REVISED OCTOBER 2014 www.ti.com 7.9 Typical Characteristics Figure 1. LMV321 Frequency Response Figure 2. LMV321 Frequency Response vs Resistive Load vs Resistive Load Figure 3. LMV321 Frequency Response Figure 4. LMV321 Frequency Response vs Capacitive Load vs Capacitive Load Figure 5. LMV321 Frequency Response Figure 6. Stability vs Temperature vs Capacitive Load 8 Submit Documentation Feedback Copyright © 1999–2014, Texas Instruments Incorporated Product Folder Links: LMV358 LMV321 LMV324 LMV324S |
Número de pieza similar - LMV321IDCKR |
|
Descripción similar - LMV321IDCKR |