Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA1517DWP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA1517DWP
Descripción Electrónicos  6-W STEREO AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA1517DWP Datasheet(HTML) 4 Page - Texas Instruments

  TPA1517DWP Datasheet HTML 1Page - Texas Instruments TPA1517DWP Datasheet HTML 2Page - Texas Instruments TPA1517DWP Datasheet HTML 3Page - Texas Instruments TPA1517DWP Datasheet HTML 4Page - Texas Instruments TPA1517DWP Datasheet HTML 5Page - Texas Instruments TPA1517DWP Datasheet HTML 6Page - Texas Instruments TPA1517DWP Datasheet HTML 7Page - Texas Instruments TPA1517DWP Datasheet HTML 8Page - Texas Instruments TPA1517DWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.ti.com
OPERATING CHARACTERISTIC
Table of Graphs
TPA1517
SLOS162D – MARCH 1997 – REVISED FEBRUARY 2007
V
CC = 14.5 V, RL = 4Ω , f = 1 kHz, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 0.2%
4.5
W
PO
Output power(1)
THD < 10%
6
W
SNR
Signal-to-noise ratio
84
dB
THD
Total harmonic distortion
PO = 1 W
0.1%
IO(SM)
Non-repetitive peak output current
4
A
IO(RM)
Repetitive peak output current
2.5
A
Low-frequency roll-off
3 dB
45
Hz
High-frequency roll-off
1 dB
20
kHz
Supply ripple rejection ratio
M/SB = On
-65
dB
ZI
Input impedance
60
k
Rs = 0,
M/SB = On
50
µV(rms)
Vn
Noise output voltage(2)
Rs= 10 kΩ,
M/SB = On
70
µV(rms)
M/SB = Mute
50
µV(rms)
Channel separation
Rs = 10 kΩ
-58
dB
Gain
18.5
20
21
dB
Channel balance
0.1
1
dB
(1)
Output power is measured at the output terminals of the IC.
(2)
Noise voltage is measured in a bandwidth of 22 Hz to 22 kHz.
TYPICAL CHARACTERISTICS
FIGURE
ICC
Supply current
vs Supply voltage
1
Power supply rejection ratio
vs Frequency
2, 3
vs Frequency
4, 5, 6
VCC = 12 V
vs Power output
10, 11
THD + N
Total harmonic distortion plus noise
vs Frequency
7, 8, 9
VCC = 14.5 V
vs Power output
12, 13
Crosstalk
vs Frequency
14, 15
Gain
vs Frequency
16
Phase
vs Frequency
16
Vn
Noise voltage
vs Frequency
17, 18
PO
Output power
vs Supply voltages Load resistance
1920
PD
Power dissipation
vs Output power
21, 22
4
Submit Documentation Feedback


Número de pieza similar - TPA1517DWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA1517DWP TI-TPA1517DWP Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWP TI-TPA1517DWP Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWPG4 TI-TPA1517DWPG4 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWPR TI-TPA1517DWPR Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWPRG4 TI-TPA1517DWPRG4 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA1517DWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com