Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA2011D1YFFT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA2011D1YFFT
Descripción Electrónicos  3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2011D1YFFT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA2011D1YFFT Datasheet HTML 6Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 7Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 8Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 9Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 10Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 11Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 12Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 13Page - Texas Instruments TPA2011D1YFFT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
VIC − Common Mode Input Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
RL = 8 Ω + 33 µH
Frequency = 217 Hz
Gain = 6 dB
f − Frequency − Hz
20
100
1k
10k
20k
−100
−90
−80
−70
−60
−50
−40
−30
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
VIC = 1 VPP
RL = 8 Ω + 33 µH
Gain = 6 dB
f − Frequency − Hz
20
100
1k
10k
20k
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
Inputs AC−Grounded
CI = 2 µF
RL = 8 Ω + 33 µH
Gain = 6 dB
f − Frequency − Hz
20
100
1k
10k
20k
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
Inputs AC−Grounded
CI = 2 µF
RL = 4 Ω + 33 µH
Gain = 6 dB
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 30 mW
PO = 150 mW
PO = 400 mW
VDD = 2.5 V
RL = 4 Ω + 33 µH
Gain = 6 dB
VIC − Common Mode Input Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.01
0.1
1
10
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
RL = 8 Ω + 33 µH
Frequency = 1 kHz
PO = 200 mW
Gain = 6 dB
TPA2011D1
SLOS626B – DECEMBER 2009 – REVISED NOVEMBER 2015
www.ti.com
Typical Characteristics (continued)
VDD = 3.6 V, CI = 0.1 μF, CS1 = 0.1 μF, CS2 = 10 μF, TA = 25°C, RL = 8 Ω (unless otherwise noted)
Figure 19. THD + Noise vs Frequency
Figure 20. THD + Noise vs Common Mode Input Voltage
Figure 21. Power Supply Rejection Ratio vs Frequency
Figure 22. Power Supply Rejection Ratio vs Frequency
Figure 23. Power Supply Rejection Ratio vs Common Mode
Figure 24. Common Mode Rejection Ratio vs Frequency
Input Voltage
10
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPA2011D1


Número de pieza similar - TPA2011D1YFFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2011D1YFFT TI-TPA2011D1YFFT Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2011D1YFFT TI1-TPA2011D1YFFT Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1YFFT TI1-TPA2011D1YFFT Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
More results

Descripción similar - TPA2011D1YFFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2038D1 TI1-TPA2038D1 Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
logo
Fangtek Ltd.
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
   3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
FT2011 FANGTEK-FT2011 Datasheet
841Kb / 21P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
logo
Shenzhen Huazhimei Semi...
HM2010 HMSEMI-HM2010 Datasheet
1Mb / 16P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
logo
Texas Instruments
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com