Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9649BCPZRL7-40 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD9649BCPZRL7-40
Descripción Electrónicos  14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9649BCPZRL7-40 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9649BCPZRL7-40 Datasheet HTML 7Page - Analog Devices AD9649BCPZRL7-40 Datasheet HTML 8Page - Analog Devices AD9649BCPZRL7-40 Datasheet HTML 9Page - Analog Devices AD9649BCPZRL7-40 Datasheet HTML 10Page - Analog Devices AD9649BCPZRL7-40 Datasheet HTML 11Page - Analog Devices AD9649BCPZRL7-40 Datasheet HTML 12Page - Analog Devices AD9649BCPZRL7-40 Datasheet HTML 13Page - Analog Devices AD9649BCPZRL7-40 Datasheet HTML 14Page - Analog Devices AD9649BCPZRL7-40 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AD9649
Data Sheet
Rev. B | Page 10 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
CLK+
CLK–
AVDD
CSB
SCLK/DFS
SDIO/PDWN
D0 (LSB)
D1
AVDD
MODE/OR
DCO
D13 (MSB)
D12
D11
D10
D9
NOTES
1. EXPOSED PADDLE. THE EXPOSED PADDLE IS THE ONLY GROUND CONNECTION.
IT MUST BE SOLDERED TO THE ANALOG GROUND OF THE PCB
TO ENSURE PROPER FUNCTIONALITY AND HEAT DISSIPATION,
NOISE, AND MECHANICAL STRENGTH BENEFITS.
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
AD9649
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
0
EPAD
Exposed Paddle. The exposed paddle is the only ground connection. It must be soldered to the analog
ground of the PCB to ensure proper functionality and heat dissipation, noise, and mechanical strength
benefits.
1, 2
CLK+, CLK−
Differential Encode Clock for PECL, LVDS, or 1.8 V CMOS Inputs.
3, 24, 29, 32
AVDD
1.8 V Supply Pin for the ADC CORE Domain.
4
CSB
SPI Chip Select. Active low enable, 30 kΩ internal pull-up.
5
SCLK/DFS
SPI Clock Input in SPI Mode (SCLK). 30 kΩ internal pull-down.
Data Format Select in Non-SPI Mode (DFS). Static control of data output format. 30 kΩ internal pull-down.
DFS high = twos complement output; DFS low = offset binary output.
6
SDIO/PDWN
SPI Data Input/Output (SDIO). Bidirectional SPI data I/O with 30 kΩ internal pull-down.
Non-SPI Mode Power-Down (PDWN). Static control of chip power-down with 30 kΩ internal pull-down.
See Table 14 for details.
7 to 12, 14 to 21
D0 (LSB) to
D13 (MSB)
ADC Digital Outputs.
13
DRVDD
1.8 V to 3.3 V Supply Pin for Output Driver Domain.
22
DCO
Data Clock Digital Output.
23
MODE/OR
Chip Mode Select Input in SPI Mode (MODE).
Out-of-Range Digital Output in SPI Mode or in Non-SPI Mode (OR).
Default = out-of-range (OR) digital output (SPI Register 0x2A, Bit 0 = 1).
Option = chip mode select input (SPI Register 0x2A, Bit 0 = 0).
Chip power-down (SPI Register 0x08, Bits[7:5] = 100).
Chip stand-by (SPI Register 0x08, Bits[7:5] = 101).
Normal operation, output disabled (SPI Register 0x08, Bits[7:5] = 110).
Normal operation, output enabled (SPI Register 0x08, Bits[7:5] = 111).
In non-SPI mode, the pin operates only as an out-of-range (OR) digital output.
25
VREF
1.0 V Voltage Reference Input/Output. See Table 10.
26
SENSE
Reference Mode Selection. See Table 10.
27
VCM
Analog Output Voltage at Mid AVDD Supply. Sets common mode of the analog inputs.
28
RBIAS
Set Analog Current Bias. Connect to 10 kΩ (1% tolerance) resistor to ground.
30, 31
VIN−, VIN+
ADC Analog Inputs.


Número de pieza similar - AD9649BCPZRL7-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9649BCPZRL7-40 AD-AD9649BCPZRL7-40 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results

Descripción similar - AD9649BCPZRL7-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9649 AD-AD9649 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com