Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS68EN360MA33L Datasheet(PDF) 10 Page - ATMEL Corporation

No. de pieza TS68EN360MA33L
Descripción Electrónicos  32-bitQuad Integrated Communication Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68EN360MA33L Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button TS68EN360MA33L Datasheet HTML 6Page - ATMEL Corporation TS68EN360MA33L Datasheet HTML 7Page - ATMEL Corporation TS68EN360MA33L Datasheet HTML 8Page - ATMEL Corporation TS68EN360MA33L Datasheet HTML 9Page - ATMEL Corporation TS68EN360MA33L Datasheet HTML 10Page - ATMEL Corporation TS68EN360MA33L Datasheet HTML 11Page - ATMEL Corporation TS68EN360MA33L Datasheet HTML 12Page - ATMEL Corporation TS68EN360MA33L Datasheet HTML 13Page - ATMEL Corporation TS68EN360MA33L Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
10
TS68EN360
2113A–HIREL–03/02
Scope
This drawing describes the specific requirements for the microcontroller TS68EN360 -
25 MHz and 33 MHz in compliance with MIL-STD-883 class B or Atmel standard
screening.
Applicable
Documents
MIL-STD-883
1.
MIL-STD-883: test methods and procedures for electronics.
2.
MIL-PRF-38535: general specifications for microcircuits.
3.
DESC 5962-SMD-97607
SI
SI Receive Data
L1RXDA, L1RXDB
Serial input to the time division multiplexed (TDM) channel A
or channel B.
SI Transmit Data
L1TXDA, L1TXDB
Serial output from the TDM channel A or channel B.
SI Receive Clock
L1RCLKA, L1RCLKB
Input receive clock to TDM channel A or channel B.
SI Transmit Clock
L1TCLKA, L1TCLKB
Input transmit clock to TDM channel A or channel B.
SI Transmit Sync Signals
L1TSYNCA,
L1TSYNCB
Input transmit data sync signal to TDM channel A or
channel B.
SI Receive Sync Signals
L1RSYNCA,
L1RSYNCB
Input receive data sync signal to TDM channel A or
channel B.
IDL Interface Request
L1RQA, L1RQB
IDL interface request to transmit on the D channel. Output
from the SI.
SI Output Clock
L1CLKOA, L1CLKOB
Output serial data rate clock. Can output a data rate clock
when the input clock is 2x the data rate.
SI Data Strobes
L1ST4-L1ST1
Serial data strobe outputs can be used to gate clocks to
external devices that do not have a built-in time slot assigner
(TSA).
BRG
Baud Rate Generator
Out 4-1
BRGO4-BRGO1
Baud rate generator output clock allows baud rate generator
to be used externally.
BRG Input Clock
CLK2, CLK6
Baud rate generator input clock from which BRG will derive
the baud rates.
PIP
Port B 15-0
PB15-BP0
PIP Data I/O Pins.
Strobe Out
STRBO
This input causes the PIP output data to be placed on the
PIP data pins.
Strobe In
STRBI
This input causes data on the PIP data pins to be latched by
the PIP as input data.
SDMA
SDMA Acknowledge 2-1
SDACK2-SDACK1
SDMA output signals used in RISC receiver to mark fields in
the Ethernet receive frame.
Table 2. Peripherals Signal Index (Continued)
Group
Signal Name
Mnemonic
Function


Número de pieza similar - TS68EN360MA33L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com