Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BAS40W Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de Pieza. BAS40W
Descripción  SURFACE MOUNT SCHOTTKY DIODES
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo 

BAS40W Datasheet(HTML) 1 Page - Pan Jit International Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
April 21,2016-REV.05
BAS40W/AW/CW/SW
SURFACE MOUNT SCHOTTKY DIODES
VOLTAGE
40 Volt
0.2 Ampere
FEATURES
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
Electrical identical standard JEDEC
• High conductor
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SOT-323, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0002 ounces, 0.005 grams
CURRENT
SINGLE
COMMON CATHODE
SERIES
COMMON ANODE
ABSOLUTE RATINGS
THERMAL CHARACTERISTICS
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SW
0
4
S
A
BW
A
0
4
S
A
BW
C
0
4
S
A
BW
S
0
4
S
A
BS
T
I
N
U
e
d
o
C
g
n
i
k
r
a
M
0
4
S2
4
S3
4
S4
4
S
e
g
a
t
l
o
V
e
s
r
e
v
e
RV R
0
4V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV RRM
0
4V
5
2
=
p
m
e
T
t
a
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
A
O
CIF(AV)
2
.
0A
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
e
v
i
t
i
t
e
p
e
r
-
n
o
N
s
0
.
1
=
t
t
a
IFSM
6
.
0A
PA RA M E TE R
S ymbo l
BAS 4 0 W
BAS 40 AW
BA S4 0 C W
B A S 4 0 S W
Uni ts
Po we r D i ss i pati o n
P
TOT
225
m W
The r ma l Re s i s ta nc e , J unc ti o n to A mb i e nt
R
θJA
556
OC/W
S tor age and Oper ati ng Te m pera tur e Ra ng e
T
STG,T J
-5 5 to 150
OC
C i rc ui t F i gur e
SINGLE
COM MON
ANOD E
COM MO N
CATHOD E
SE RIE S


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn