Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA-0509S1HLF Datasheet(PDF) 5 Page - Bothhand USA, LP.

No. de pieza BA-0509S1HLF
Descripción Electrónicos  0.5 To 1 Watt Isolated DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOTHHAND [Bothhand USA, LP.]
Página de inicio  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-0509S1HLF Datasheet(HTML) 5 Page - Bothhand USA, LP.

  BA-0509S1HLF Datasheet HTML 1Page - Bothhand USA, LP. BA-0509S1HLF Datasheet HTML 2Page - Bothhand USA, LP. BA-0509S1HLF Datasheet HTML 3Page - Bothhand USA, LP. BA-0509S1HLF Datasheet HTML 4Page - Bothhand USA, LP. BA-0509S1HLF Datasheet HTML 5Page - Bothhand USA, LP. BA-0509S1HLF Datasheet HTML 6Page - Bothhand USA, LP. BA-0509S1HLF Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BA-SH LF - Series
0.5 To 1 Watt Isolated DC-DC Converter
8 . Mechanical Dimension
Single Output SIL Package Style
Single Output DIL Package Style
Pin
3K Vdc - Single
1
-Vin
2
+Vin
3
-Vo
4
+Vo
Units : mm ( inch )
Tolerance : .xx ± 0.25 ( ± 0.01 )
Printed
Face
3.05
(0.12)
Min
2.54
(0.10)
0.50
0.50
(0.02)
11.68
(0.46)
9.65
(0.38)
1.25
(0.05)
6.00
(0.24)
10.50
(0.41)
5.00
(0.20)
8.50
(0.33)
1.68
1.86
6.50
(0.38)
BA-0505SH LF
Pb
Bottom View
Date
Code
Printed
Face
BA-0505DH LF
Pb
Units:mm(inch)
Tolerance:xx±0.25(±0.01)
12.70
[0.50]
10.50
[0.41]
6.50
[0.26]
10.00
[0.39]
7.62
[0.30]
? 0.50
[? 0.02]
7.62
[0.30]
0.50
[0.02]
5.08
[0.20]
3.05
[0.12]
Min
5.00
[0.20]
7.70
[0.30]
8.50
[0.33]
Pin
3K Vdc - Single
Pin
1
-Vin
No Pin
8
2
-Vo
7
3
No Pin
No Pin
6
4
+Vin
+Vo
5
BOTHHAND USA sales@bothhandusa.com


Número de pieza similar - BA-0509S1HLF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
BA-0509S1HLF BOTHHAND-BA-0509S1HLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
More results

Descripción similar - BA-0509S1HLF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
BA-SH-LF-SERIES BOTHHAND-BA-SH-LF-SERIES Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-053R3S BOTHHAND-BA-053R3S Datasheet
165Kb / 2P
   0.5 to 1 Watt Isolated DC-DC Converter Single Output
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM7-1V EATON-EPM7-1V Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
BMA1-SERIES BOTHHAND-BMA1-SERIES Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-1V EATON-EPM6-1V Datasheet
652Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
BA-053R3D BOTHHAND-BA-053R3D Datasheet
318Kb / 4P
   0.5 to 1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
BA-LF-SERIES BOTHHAND-BA-LF-SERIES Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
BALF BOTHHAND-BALF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com