Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

0349618340 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de Pieza. 0349618340
Descripción  Mini50 Unsealed Right Angle Hybrid Header, 3 Rows, 34 Circuit, Polarization Option A, Black, Tape and Reel
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOLEX1 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo 

0349618340 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/15/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0349618340
Status:
Active
Overview:
Mini50™ Connection Systems
Description:
Mini50™ Unsealed Right Angle Hybrid Header, 3 Rows, 34 Circuit, Polarization Option
A, Black, Tape and Reel
Documents:
Drawing (PDF)
Packaging Specification PK-47799-0001 (PDF)
Product Specification PS-34959-001-001 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-34959-001-001 (PDF)
Product Literature (PDF)
Packaging Specification PK-31302-070 (PDF)
General
Product Family
PCB Headers
Series
34961
Application
Power, Signal, Wire-to-Board
Overview
Mini50™ Connection Systems
Product Literature Order No
987650-5442
Product Name
Mini50™
UPC
889056870566
Physical
Breakaway
No
Circuits (Loaded)
34
Circuits (maximum)
34
Color - Resin
Black
Durability (mating cycles max)
10
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin over Nickel
Material - Plating Termination
Tin over Nickel
Material - Resin
SPS
Net Weight
12.964/g
Number of Rows
3
Orientation
Right Angle
PC Tail Length
2.75mm
PCB Locator
Yes
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
2.00mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
16.0A, 4.0A
Voltage - Maximum
500V DC
Material Info
Reference - Drawing Numbers
Series image - Reference only
EU ELV
Compliant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Not Relevant
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Relevant
ELV
Compliant
RoHS Phthalates
Not Contained
Search Parts in this Series
34961 Series
Mates With
Mini50™ Unsealed 3 Row Receptacle
34959


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn