Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6211A1 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPA6211A1
Descripción Electrónicos  3.1-W Mono Fully Differential Audio Power Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6211A1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA6211A1_17 Datasheet HTML 5Page - Texas Instruments TPA6211A1_17 Datasheet HTML 6Page - Texas Instruments TPA6211A1_17 Datasheet HTML 7Page - Texas Instruments TPA6211A1_17 Datasheet HTML 8Page - Texas Instruments TPA6211A1_17 Datasheet HTML 9Page - Texas Instruments TPA6211A1_17 Datasheet HTML 10Page - Texas Instruments TPA6211A1_17 Datasheet HTML 11Page - Texas Instruments TPA6211A1_17 Datasheet HTML 12Page - Texas Instruments TPA6211A1_17 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
1
2
3
4
5
6
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
DC Common Mode Input − V
RL = 4 Ω,,
CI = 2 µF,
Gain = 1 V/V,
C(BYPASS) = 0.47 µF
VDD = 3.6 V,
f = 217 Hz,
Inputs ac Grounded
f − Frequency − Hz
+0
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
20
20k
50
100 200
500 1k
2k
5k
10k
RL = 4 Ω,,
CI = 2 µF,
Gain = 1 V/V,
VDD = 3.6 V
C(BYPASS) = 0.47 µF
C(BYPASS) = 1 µF
C(BYPASS) = 0.1 µF
No C(BYPASS)
f - Frequency - Hz
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50
100 200
500 1k
2k
5k
10k
RL = 4 Ω,,
C(BYPASS) = 0.47 µF,
CI = 2 µF,
VDD = 2.5 V to 5 V
Inputs Floating
f - Frequency - Hz
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50
100 200
500 1k
2k
5k
10k
VDD = 3.6 V
VDD = 2.5 V
RL = 4 Ω,,
C(BYPASS) = 0.47 µF,
Gain = 5 V/V,
CI = 2 µF,
Inputs ac Grounded
VDD = 5 V
0.04
0.042
0.044
0.046
0.048
0.05
0.052
0.054
0.056
0.058
0.06
0
1
2
3
4
5
f = 1 kHz
PO = 200 mW,
RL = 1 kHz
VIC - Common Mode Input Voltage - V
VDD = 3.6 V
VDD = 5 V
VDD = 2.5 V
f - Frequency - Hz
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50
100 200
500 1k
2k
5k
10k
VDD = 3.6 V
VDD = 2.5 V
VDD = 5 V
RL = 4 Ω,,
C(BYPASS) = 0.47 µF,
Gain = 1 V/V,
CI = 2 µF,
Inputs ac Grounded
TPA6211A1
www.ti.com
SLOS367E – AUGUST 2003 – REVISED NOVEMBER 2015
Figure 14. Supply Voltage Rejection Ratio vs Frequency
Figure 13. Total Harmonic Distortion + Noise vs Common
Mode Input Voltage
Figure 15. Supply Voltage Rejection Ratio vs Frequency
Figure 16. Supply Ripple Rejection Ratio vs Frequency
Figure 17. Supply Voltage Rejection Ratio vs Frequency
Figure 18. Supply Voltage Rejection Ratio vs DC Common
Mode Input
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPA6211A1


Número de pieza similar - TPA6211A1_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA6211A1_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_07 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1-Q1 TI1-TPA6211A1-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com