Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6211A1DGNR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6211A1DGNR
Descripción Electrónicos  3.1-W Mono Fully Differential Audio Power Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6211A1DGNR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA6211A1DGNR Datasheet HTML 4Page - Texas Instruments TPA6211A1DGNR Datasheet HTML 5Page - Texas Instruments TPA6211A1DGNR Datasheet HTML 6Page - Texas Instruments TPA6211A1DGNR Datasheet HTML 7Page - Texas Instruments TPA6211A1DGNR Datasheet HTML 8Page - Texas Instruments TPA6211A1DGNR Datasheet HTML 9Page - Texas Instruments TPA6211A1DGNR Datasheet HTML 10Page - Texas Instruments TPA6211A1DGNR Datasheet HTML 11Page - Texas Instruments TPA6211A1DGNR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100 200
500
1k
2k
5k
10k
0.4 W
0.28 W
f - Frequency - Hz
VDD = 2.5 V,
RL = 4 Ω,,
C(BYPASS) = 0 to 1 µF,
Gain = 1 V/V,
CI = 2 µF
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100 200
500
1k
2k
5k
10k
f - Frequency - Hz
0.1 W
0.6 W
0.25 W
VDD = 3.6 V,
RL = 8 Ω,,
C(BYPASS) = 0 to 1 µF,
Gain = 1 V/V,
CI = 2 µF
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100 200
500
1k
2k
5k
10k
f - Frequency - Hz
2 W
1.8 W
1 W
VDD = 5 V,
RL = 4 Ω,,
C(BYPASS) = 0 to 1 µF,
Gain = 1 V/V,
CI = 2 µF
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100 200
500
1k
2k
5k
10k
0.5 W
0.1 W
1 W
f - Frequency - Hz
VDD = 3.6 V,
RL = 4 Ω,,
C(BYPASS) = 0 to 1 µF,
Gain = 1 V/V,
CI = 2 µF
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
10m
3
20m
50m 100m 200m
500m 1
2
PO - Output Power - W
2.5 V
3.6 V
5 V
RL = 8 Ω,
C(BYPASS) = 0 to 1 µF,
Gain = 1 V/V
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100 200
500
1k
2k
5k 10k
f - Frequency - Hz
1 W
2 W
VDD = 5 V,
RL = 3 Ω,,
C(BYPASS) = 0 to 1 µF,
Gain = 1 V/V,
CI = 2 µF
TPA6211A1
SLOS367E – AUGUST 2003 – REVISED NOVEMBER 2015
www.ti.com
Figure 8. Total Harmonic Distortion + Noise vs Frequency
Figure 7. Total Harmonic Distortion + Noise vs Output
Power
Figure 10. Total Harmonic Distortion + Noise vs Frequency
Figure 9. Total Harmonic Distortion + Noise vs Frequency
Figure 11. Total Harmonic Distortion + Noise vs Frequency
Figure 12. Total Harmonic Distortion + Noise vs Frequency
8
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPA6211A1


Número de pieza similar - TPA6211A1DGNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6211A1DGNR TI-TPA6211A1DGNR Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1DGNR TI1-TPA6211A1DGNR Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1DGNRG4 TI-TPA6211A1DGNRG4 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1DGNRG4 TI1-TPA6211A1DGNRG4 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
More results

Descripción similar - TPA6211A1DGNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_07 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1-Q1 TI1-TPA6211A1-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com