Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N7002ET1G Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza 2N7002ET1G
Descripción Electrónicos  Small Signal MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N7002ET1G Datasheet(HTML) 3 Page - ON Semiconductor

  2N7002ET1G Datasheet HTML 1Page - ON Semiconductor 2N7002ET1G Datasheet HTML 2Page - ON Semiconductor 2N7002ET1G Datasheet HTML 3Page - ON Semiconductor 2N7002ET1G Datasheet HTML 4Page - ON Semiconductor 2N7002ET1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2N7002E
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
6
4
2
0
0
0.4
0.8
1.2
1.6
2.0
6
4
2
0
0
0.4
0.8
1.2
Figure 3. On−Resistance vs. Drain Current and
Temperature
Figure 4. On−Resistance vs. Drain Current and
Temperature
ID, DRAIN CURRENT (A)
1.2
1.0
0.8
0.6
0.4
0.2
0
0
0.4
0.8
1.2
1.6
2.0
2.4
Figure 5. On−Resistance vs. Gate−to−Source
Voltage
Figure 6. On−Resistance Variation with
Temperature
VGS, GATE−TO−SOURCE VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
10
8
6
4
2
0.4
0.8
1.2
1.6
125
100
75
50
25
0
−25
−50
0.6
1.0
1.4
1.8
2.2
VGS = 10 V
5.0 V
7.0 V
8.0 V
9.0 V
4.5 V
4.0 V
6.0 V
3.5 V
3.0 V
2.5 V
2.0 V
TJ = −55°C
TJ = 125°C
TJ = 25°C
TJ = −55°C
TJ = 125°C
TJ = 25°C
TJ = 85°C
VGS = 4.5 V
ID, DRAIN CURRENT (A)
1.2
1.0
0.8
0.6
0.4
0.2
0
0
0.4
0.8
1.2
1.6
2.0
2.4
TJ = −55°C
TJ = 125°C
TJ = 25°C
TJ = 85°C
VGS = 10 V
ID = 250 mA
ID = 75 mA
150
ID = 0.2 A
VGS = 4.5 V
VGS = 10 V


Número de pieza similar - 2N7002ET1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N7002ET1G ONSEMI-2N7002ET1G Datasheet
104Kb / 5P
   Small Signal MOSFET 60 V, 310 mA, Single, N?묬hannel, SOT??3
April, 2007 ??Rev. 1
2N7002ET1G ONSEMI-2N7002ET1G Datasheet
100Kb / 5P
   Small Signal MOSFET
February, 2011 ??Rev. 3
2N7002ET1G ONSEMI-2N7002ET1G Datasheet
205Kb / 6P
   Small Signal MOSFET Single N?묬hannel, 60 V, 310 mA, 2.5 Ohm
June, 2019 ??Rev. 7
More results

Descripción similar - 2N7002ET1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
   Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
List of Unclassifed Man...
CMT2N7000 ETC1-CMT2N7000 Datasheet
118Kb / 5P
   Small Signal MOSFET
logo
Leshan Radio Company
L2N7002KWT1G LRC-L2N7002KWT1G_15 Datasheet
685Kb / 6P
   Small Signal MOSFET
LNTA7002NT1G LRC-LNTA7002NT1G_15 Datasheet
410Kb / 5P
   Small Signal MOSFET
logo
ON Semiconductor
NTR5103N ONSEMI-NTR5103N_16 Datasheet
133Kb / 5P
   Small Signal MOSFET
October, 2016 ??Rev. 1
NTNS41006PZ ONSEMI-NTNS41006PZ Datasheet
80Kb / 6P
   Small Signal MOSFET
May, 2017 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
2N7000 SEMTECH_ELEC-2N7000 Datasheet
148Kb / 2P
   Small Signal MOSFET
logo
ON Semiconductor
NTNS3C94NZ ONSEMI-NTNS3C94NZ_16 Datasheet
71Kb / 6P
   Small Signal MOSFET
December, 2016 ??Rev. 1
NTJS4405N ONSEMI-NTJS4405N_11 Datasheet
135Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 6
NTJD4158C ONSEMI-NTJD4158C_15 Datasheet
91Kb / 7P
   Small Signal MOSFET
Febuary, 2015 ??Rev. 5
NTJD4001N ONSEMI-NTJD4001N_15 Datasheet
72Kb / 5P
   Small Signal MOSFET
May, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com