Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AC16373 Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza 74AC16373
Descripción Electrónicos  IMPROVED LATCH-UP IMMUNITY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC16373 Datasheet(HTML) 2 Page - STMicroelectronics

  74AC16373 Datasheet HTML 1Page - STMicroelectronics 74AC16373 Datasheet HTML 2Page - STMicroelectronics 74AC16373 Datasheet HTML 3Page - STMicroelectronics 74AC16373 Datasheet HTML 4Page - STMicroelectronics 74AC16373 Datasheet HTML 5Page - STMicroelectronics 74AC16373 Datasheet HTML 6Page - STMicroelectronics 74AC16373 Datasheet HTML 7Page - STMicroelectronics 74AC16373 Datasheet HTML 8Page - STMicroelectronics 74AC16373 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74AC16373
2/10
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don‘t Care
Z : High Impedance
* : Q outputs are latched at the time when the LE input is taken low
logic level.
IEC LOGIC SYMBOLS
PIN No
SYMBOL
NAME AND FUNCTION
1
1OE
3 State Output Enable
Input (Active LOW)
2, 3, 5, 6, 8, 9,
11, 12
1Q0 to 1Q7 3-State Outputs
13, 14, 16, 17,
19, 20, 22, 23
2Q0 to 2Q7 3-State Outputs
24
2OE
3 State Output Enable
Input (Active LOW)
25
2LE
Latch Enable Input
36, 35, 33, 32,
30, 29, 27, 26
2D0 to 2D7 Data Inputs
47, 46, 44, 43,
41, 40, 38, 37
1D0 to 1D7 Data Inputs
48
1LE
Latch Enable Input
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive Supply Voltage
INPUTS
OUTPUT
OE
LE
D
Q
HX
X
Z
L
L
X
NO CHANGE *
LH
L
L
LH
H
H


Número de pieza similar - 74AC16373

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74AC16373 TI-74AC16373 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
74AC16373 TI-74AC16373 Datasheet
321Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
74AC16373DL TI-74AC16373DL Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
74AC16373DL TI-74AC16373DL Datasheet
321Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
74AC16373DLG4 TI-74AC16373DLG4 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Descripción similar - 74AC16373

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micropac Industries
66228 MICROPAC-66228 Datasheet
58Kb / 2P
   Base lead eliminated for improved noise immunity
logo
TEXAS ADVANCED OPTOELEC...
74ACT16244 TAOS-74ACT16244 Datasheet
536Kb / 14P
   Inputs Are TTL-Voltage Compatible, 500-mA Typical Latch-Up Immunity at 125째C
logo
Texas Instruments
UCC28063 TI-UCC28063_15 Datasheet
1Mb / 44P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller With Improved Audible Noise Immunity
TMUX9616 TI-TMUX9616 Datasheet
1Mb / 32P
[Old version datasheet]   TMUX9616 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
SEPTEMBER 2023
UCC28061-Q1 TI1-UCC28061-Q1 Datasheet
982Kb / 34P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28063 TI-UCC28063 Datasheet
1Mb / 46P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller with Improved Audible Noise Immunity
UCC28061 TI-UCC28061 Datasheet
709Kb / 31P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061 TI-UCC28061_1 Datasheet
987Kb / 34P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061 TI-UCC28061_15 Datasheet
771Kb / 36P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
TMUX7436F TI-TMUX7436F Datasheet
1Mb / 47P
[Old version datasheet]   TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com