Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST1L-05S15HLF Datasheet(PDF) 2 Page - Bothhand USA, LP.

No. de pieza ST1L-05S15HLF
Descripción Electrónicos  Lead Frame & Injection Technology
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOTHHAND [Bothhand USA, LP.]
Página de inicio  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

ST1L-05S15HLF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  ST1L-05S15HLF Datasheet HTML 1Page - Bothhand USA, LP. ST1L-05S15HLF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Specification (2/2):
Mechanical Dimensions (2/2):
Dual Output Series (For Isolation Voltage 1KVdc)
Dual Output Series (For Isolation Voltage 3KVdc)
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
2) Dual Output Series
ST1L-05D05(H) LF
± 5
± 100
28
281
60
± 12
71
ST1L-05D09(H) LF
± 9
± 56
24
256
80
± 12
78
ST1L-05D12(H) LF
± 12
± 42
24
258
100
± 10
78
ST1L-05D15(H) LF
5
± 15
± 34
26
252
120
± 10
81
ST1L-12D05(H) LF
± 5
± 100
15
114
60
± 12
73
ST1L-12D09(H) LF
± 9
± 56
15
106
80
± 12
79
ST1L-12D12(H) LF
± 12
± 42
15
103
100
± 10
81
ST1L-12D15(H) LF
12
± 15
± 34
15
102
120
± 10
83
ST1L-24D3R3(H) LF
± 3.3
± 100
6
45
60
± 12
66
ST1L-24D05(H) LF
± 5
± 100
7
58
60
± 8
76
ST1L-24D09(H) LF
± 9
± 56
8
57
80
± 5
78
ST1L-24D12(H) LF
± 12
± 42
7
56
100
± 5
80
ST1L-24D15(H) LF
24
± 15
± 34
10
60
120
± 5
75
Pin
1KVdc - Dual
Pin
1
-Vin
NC
18
3
+Vin
NC
16
5
NC
NC
14
7
Common
+Vo
12
9
-Vo
NC
10
ST1L-05D15 LF
XXXXM
0°~10°
15.2
[0.60]
8.2
[0.32]
12.5
[0.49]
10.16
[0.40]
2.54
[0.10]
7.25
[0.29]
0.6
[0.02]
2
[0.08]
5
[0.20]
1.35 [0.05]
Max
7.62
[0.30]
Units: mm (inch)
Tolerance: .xx ±0.25
Units: mm (inch)
Tolerance: .xx ±0.25
ST1L-05D05H LF
XXXXM
12.5
[0.49]
8.2
[0.32]
12.7
[0.50]
2.54
[0.10]
7.25
[0.29]
0.6
[0.02]
2
[0.08]
5
[0.20]
0°~10°
7.6
[0.30]
0.25
[0.01]
1.35 [0.05]
Max
Pin
3KVdc - Dual
Pin
1
-Vin
NC
22
3
+Vin
NC
20
5
NC
NC
18
7
No Pin
No Pin
16
9
com
+Vo
14
11
-Vo
NC
12
ST1L LF Series
1W Isolated DC/DC Converter
Bothhand USA
http://www.bothhandusa.com
sales@bothhandusa.com


Número de pieza similar - ST1L-05S15HLF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
ST1L-05S15(H)LF BOTHHAND-ST1L-05S15(H)LF Datasheet
179Kb / 2P
   1W Isolated DC/DC Converter
More results

Descripción similar - ST1L-05S15HLF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
STW0Q2PA SEOUL-STW0Q2PA Datasheet
3Mb / 24P
   Lead Frame type LED PKG
logo
Inolux Corporation
HTLP912XXX INOLUX-HTLP912XXX Datasheet
604Kb / 12P
   International Lead Frame Axial Lamp
logo
STMicroelectronics
L584 STMICROELECTRONICS-L584 Datasheet
178Kb / 13P
   MULTIFUNCTION INJECTION INTERFACE
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-7550 AVAGO-ADNS-7550 Datasheet
440Kb / 32P
   Integrated molded lead-frame DIP Sensor
ADNS-7530 AVAGO-ADNS-7530 Datasheet
493Kb / 36P
   Integrated molded lead-frame DIP Sensor
logo
Pixart Imaging Inc.
ADNS-7550 PIXART-ADNS-7550_16 Datasheet
611Kb / 9P
   Integrated molded lead-frame DIP Sensor
ADNS-7530 PIXART-ADNS-7530_16 Datasheet
1Mb / 12P
   Integrated molded lead-frame DIP Sensor
logo
Thinking Electronic Ind...
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
logo
Pixart Imaging Inc.
ADNS-7530 PIXART-ADNS-7530 Datasheet
1Mb / 36P
   Integrated molded lead-frame DIP Sensor
ADNS-7550 PIXART-ADNS-7550 Datasheet
822Kb / 32P
   Integrated molded lead-frame DIP Sensor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com