Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST1-24S12LF Datasheet(PDF) 2 Page - Bothhand USA, LP. |
|
ST1-24S12LF Datasheet(HTML) 2 Page - Bothhand USA, LP. |
2 / 2 page Technical Specification (2/2): Mechanical Dimensions (2/2): Dual Output Series Model No. Input Voltage (Vdc) Output Voltage (Vdc) Output Current (mA) Max Input Current @No Load (mA) Typ. Input Current @Max. Load (mA) Typ. Output Ripple (mV) Max. Load Regulation (%) Max. Efficiency (%)Typ. 2) Dual Output Series ST1-05D05 LF ± 5 ± 100 28 281 60 ± 8 71 ST1-05D09 LF ± 9 ± 56 24 256 70 ± 8 78 ST1-05D12 LF ± 12 ± 42 24 258 100 ± 8 78 ST1-05D15 LF 5 ± 15 ± 34 26 252 120 ± 8 81 ST1-12D05 LF ± 5 ± 100 15 114 60 ± 8 73 ST1-12D09 LF ± 9 ± 56 15 106 70 ± 8 79 ST1-12D12 LF ± 12 ± 42 15 104 100 ± 6 81 ST1-12D15 LF 12 ± 15 ± 34 15 102 120 ± 6 83 ST1-24D3R3 LF ± 3.3 ± 100 6 45 60 ± 8 66 ST1-24D05 LF ± 5 ± 100 7 58 60 ± 5 76 ST1-24D09 LF ± 9 ± 56 8 57 70 ± 5 78 ST1-24D12 LF ± 12 ± 42 7 56 100 ± 5 80 ST1-24D15 LF 24 ± 15 ± 34 10 60 120 ± 5 75 ST1-05D05 LF Date Code 8.20 (0.32) 15.20 (0.60) 11.20 (0.44) 2.54 (0.10 10.16 (0.40) 7.25 (0.29) 2.00 (0.08) 5.00 (0.20) 1.50 (0.06) 7.62 (0.30) 0°~10° 0.60 (0.02) Pin 1.5K Vdc - Dual Pin 1 -Vin NA 18 3 +Vin NA 16 5 NA NA 14 7 Common +Vo 12 9 -Vo NA 10 ST1 LF Series 1W Isolated DC/DC Converter 23 Bothhand USA http://www.bothhandusa.com sales@bothhandusa.com |
Número de pieza similar - ST1-24S12LF |
|
Descripción similar - ST1-24S12LF |